Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1644 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1644
Description  Nonvolatile Timekeeping RAM?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1644 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1644 Datasheet HTML 1Page - Dallas Semiconductor DS1644 Datasheet HTML 2Page - Dallas Semiconductor DS1644 Datasheet HTML 3Page - Dallas Semiconductor DS1644 Datasheet HTML 4Page - Dallas Semiconductor DS1644 Datasheet HTML 5Page - Dallas Semiconductor DS1644 Datasheet HTML 6Page - Dallas Semiconductor DS1644 Datasheet HTML 7Page - Dallas Semiconductor DS1644 Datasheet HTML 8Page - Dallas Semiconductor DS1644 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1644LPM
041697 2/11
CLOCK OPERATIONS –
READING THE CLOCK
While the double buffered register structure reduces the
chance of reading incorrect data, internal updates to the
DS1644L clock registers should be halted before clock
data is read to prevent reading of data in transition.
However, halting the internal clock register updating
process does not affect clock accuracy. Updating is
halted when a one is written into the read bit, the seventh
most significant bit in the control register. As long as a
one remains in that position, updating is halted. After a
halt is issued, the registers reflect the count, that is day,
date, and time that was current at the moment the halt
command was issued. However, the internal clock reg-
isters of the double buffered system continue to update
so that the clock accuracy is not affected by the access
of data. All of the DS1644L registers are updated simul-
taneously after the clock status is reset. Updating is
within a second after the read bit is written to zero.
DS1644L BLOCK DIAGRAM Figure 1
OSCILLATOR AND
CLOCK COUNTDOWN
CHAIN
POWER MONITOR,
SWITCHING, AND
WRITE PROTECTION
VCC
POWER GOOD
CLOCK
REGISTERS
CE
WE
A0–A14
DQ0–DQ7
32.768 KHz
+
OE
32K X 8
NV SRAM
PFO
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com