Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1672 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1672
Description  Low Voltage Serial Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1672 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1672 Datasheet HTML 5Page - Dallas Semiconductor DS1672 Datasheet HTML 6Page - Dallas Semiconductor DS1672 Datasheet HTML 7Page - Dallas Semiconductor DS1672 Datasheet HTML 8Page - Dallas Semiconductor DS1672 Datasheet HTML 9Page - Dallas Semiconductor DS1672 Datasheet HTML 10Page - Dallas Semiconductor DS1672 Datasheet HTML 11Page - Dallas Semiconductor DS1672 Datasheet HTML 12Page - Dallas Semiconductor DS1672 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS1672
13 of 13
8-PIN SOIC (150-MIL)
PKG
8-PIN
(150-MIL)
DIM
MIN
MAX
A IN.
MM
0.188
4.78
0.196
4.98
B IN.
MM
0.150
3.81
0.158
4.01
C IN.
MM
0.048
1.22
0.062
1.57
E IN.
MM
0.004
0.10
0.010
0.25
F IN.
MM
0.053
1.35
0.069
1.75
G IN.
MM
0.050 BSC
1.27 BSC
H IN.
MM
0.230
5.84
0.244
6.20
J IN.
MM
0.007
0.18
0.011
0.28
K IN.
MM
0.012
0.30
0.020
0.51
L IN.
MM
0.016
0.41
0.050
1.27
phi
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com