Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1682S Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1682S
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682S Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1682S Datasheet HTML 5Page - Dallas Semiconductor DS1682S Datasheet HTML 6Page - Dallas Semiconductor DS1682S Datasheet HTML 7Page - Dallas Semiconductor DS1682S Datasheet HTML 8Page - Dallas Semiconductor DS1682S Datasheet HTML 9Page - Dallas Semiconductor DS1682S Datasheet HTML 10Page - Dallas Semiconductor DS1682S Datasheet HTML 11Page - Dallas Semiconductor DS1682S Datasheet HTML 12Page - Dallas Semiconductor DS1682S Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS1682
10 of 13
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
See J-STD-020A specification
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS1682X is built to the highest quality standards and manufactured for
long term reliability. All Dallas Semiconductor devices are made using the same quality materials
and manufacturing methods. However, the DS1682X is not exposed to environmental stresses, such
as burn-in, that some industrial applications require.
For specific reliability information on this
product, please contact the factory in Dallas at (972) 371-4448.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to 85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
2.5
5.5
V
1
Input Logic 1
VIH
2.2
VCC+0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to 85°C; V
CC = 2.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-1
+1
µA
Logic 1 Output
VOH
2.4
V
Logic 0 Output
VOL
0.4
V
ALARM# Output Constant
Current @ 0.8V
IOL
10
mA
SDA & SCL Pins Output
Current @ 0.8V
IOL
4mA
Active Supply Current
ICCA
100
300
µA
EEPROM Write Current
IEE
30
100
µA
Event Trip Point
VETP
0.5*VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com