Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1682X Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1682X
Description  Total Elapsed Time Recorder with Alarm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1682X Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1682X Datasheet HTML 1Page - Dallas Semiconductor DS1682X Datasheet HTML 2Page - Dallas Semiconductor DS1682X Datasheet HTML 3Page - Dallas Semiconductor DS1682X Datasheet HTML 4Page - Dallas Semiconductor DS1682X Datasheet HTML 5Page - Dallas Semiconductor DS1682X Datasheet HTML 6Page - Dallas Semiconductor DS1682X Datasheet HTML 7Page - Dallas Semiconductor DS1682X Datasheet HTML 8Page - Dallas Semiconductor DS1682X Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS1682
4 of 13
ALARM# (Alarm Output) - When there is a non-zero number programmed into the Alarm Trip Point
register and a zero in the AoR bit of the Configuration register, the Alarm# output will be enabled and the
DS1682 will begin to monitor the values in the ETC for the programmed value in the Alarm Trip Point
register. When the Polarity bit in the Configuration register is set to a zero the Alarm# output will
become active when the Alarm Trip Point is exceeded. When the Polarity bit is set to a one, the Alarm#
output will be inactive until the Alarm Trip Point is exceeded. With the AoR bit in the Configuration
register set to a one, the Reset Enable input will be mapped to the Alarm# pin.
N/C (No Connect) – This pin is not connected internally.
MEMORY MAP
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
00
AoR
AF
WDF
WMDF
AOS
RE
AP
ERO
Config. Register
01
Low Byte
Alarm
02
Low-Middle Byte
Trip
03
High-Middle Byte
Point
04
High Byte
05
Low Byte
Total
06
Low-Middle Byte
Time
07
High-Middle Byte
Accumulator
08
High Byte
09
Low Byte
Event
0A
High Byte
Counter
0B
Byte One
0C
Byte Two
0D
Byte Three
User
0E
Byte Four
Memory
0F
Byte Five
10
Byte Six
11
Byte Seven
12
Byte Eight
13
Byte Nine
14
Byte Ten
15
16
17
18
Not Used (reads 00h)
Not Used
19
1A
1B
1C
1D
Reset Command
Reset Command
1E
Write Disable
Write Disable
1F
Write Memory Disable
Memory Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com