Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1ME-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GS1ME-TP
Description  1.0 Amp Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GS1ME-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  GS1ME-TP Datasheet HTML 1Page - Micro Commercial Components GS1ME-TP Datasheet HTML 2Page - Micro Commercial Components GS1ME-TP Datasheet HTML 3Page - Micro Commercial Components GS1ME-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GS1AE
THRU
GS1ME
1.0 Amp
Silicon Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS1AE
GS1A
50V
35V
50V
GS1BE
GS1B
100V
70V
100V
GS1DE
GS1D
200V
140V
200V
GS1GE
GS1G
400V
280V
400V
GS1JE
GS1J
600V
420V
600V
GS1KE
GS1K
800V
560V
800V
GS1ME
GS1M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine,
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DO-214AC
(SMAE)
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.01
2.44
B
.050
.075
1.27
1.90
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
G
.189
.208
4.80
5.30
H
.157
.180
4.00
4.57
J
.090
.115
2.29
2.92
Revision:
D
20
13/04/30
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Easy Pick And Place
•
260C for 10s and 230 for 45s of High Temp. Soldering
•
Low Thermal Resistance
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - GS1ME-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1ME-TPS05 MCC-GS1ME-TPS05 Datasheet
421Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - GS1ME-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE Datasheet
252Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L Datasheet
246Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1B-LTP MCC-GS1B-LTP Datasheet
255Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1M-LTP MCC-GS1M-LTP Datasheet
258Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE_15 Datasheet
296Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE-TPS05 MCC-GS1AE-TPS05 Datasheet
421Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-L MCC-GS1A-L_17 Datasheet
362Kb / 4P
1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com