Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1706P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1706P
Description  3.3 and 5.0 Volt MicroMonitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1706P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1706P Datasheet HTML 1Page - Dallas Semiconductor DS1706P Datasheet HTML 2Page - Dallas Semiconductor DS1706P Datasheet HTML 3Page - Dallas Semiconductor DS1706P Datasheet HTML 4Page - Dallas Semiconductor DS1706P Datasheet HTML 5Page - Dallas Semiconductor DS1706P Datasheet HTML 6Page - Dallas Semiconductor DS1706P Datasheet HTML 7Page - Dallas Semiconductor DS1706P Datasheet HTML 8Page - Dallas Semiconductor DS1706P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1705/DS1706
011296 2/10
The second function the DS1705/DS1706 performs is
pushbutton reset control.
The DS1705/DS1706
debounces the pushbutton input and guarantees an
active reset pulse width of 130 ms minimum.
The third function is a watchdog timer.
The
DS1705/DS1706 has an internal timer that forces the
WDO signal to the active state if the strobe input is not
driven low prior to time–out.
OPERATION
Power Monitor
The DS1705/DS1706 detects out–of–tolerance power
supply conditions and warns a processor–based sys-
tem of impending power failure. When VCC falls below
the minimum VCC tolerance, a comparator outputs the
RST (or RST) signal. RST (or RST) is an excellent con-
trol signal for a microprocessor, as processing is
stopped at the last possible moment of valid VCC. On
power–up, RST (or RST) are kept active for a minimum
of 130 ms to allow the power supply and processor to
stabilize.
Pushbutton Reset
The DS1705/DS1706 provides an input pin for direct
connection to a push–button reset (see Figure 2). The
pushbutton reset input requires an active low signal.
Internally, this input is debounced and timed such that a
RST (or RST) signal of at least 130 ms minimum will be
generated. The 130 ms delay commences as the push-
button reset input is released from the low level. The
push–button can be initiated by connecting the WDS or
NMI outputs to the PBRST input as shown in Figure 3.
Non–Maskable Interrupt
The DS1705/DS1706 generates a non–maskable inter-
rupt (NMI) for early warning of a power failure. A preci-
sion comparator monitors the voltage level at the IN pin
relative to an on–chip reference generated by an inter-
nal band gap. The IN pin is a high impedance input
allowing for a user–defined sense point. An external
resistor voltage divider network (Figure 5) is used to
interface with high voltage signals. This sense point
may be derived from a regulated supply or from a higher
DC voltage level closer to the main system power input.
Since the IN trip point VTP is 1.25 volts, the proper val-
ues for R1 and R2 can be determined by the equation as
shown in Figure 5.
Proper operation of the
DS1705/DS1706 requires that the voltage at the IN pin
be limited to VCC. Therefore, the maximum allowable
voltage at the supply being monitored (VMAX) can also
be derived as shown in Figure 5. A simple approach to
solving the equation is to select a value for R2 high
enough to keep power consumption low, and solve for
R1. The flexibility of the IN input pin allows for detection
of power loss at the earliest point in a power supply sys-
tem, maximizing the amount of time for system shut–
down between NMI and RST (or RST).
When the supply being monitored decays to the voltage
sense point, the DS1705/DS1706 pulses the NMI out-
put to the active state for a minimum 200
µs. The NMI
power fail detection circuitry also has built–in hysteresis
of 100
µV. The supply must be below the voltage sense
point for approximately 5
µs before a low NMI will be
generated. In this way, power supply noise is removed
from the monitoring function, preventing false inter-
rupts. During a power–up, any detected IN pin levels
below VTP by the comparator are disabled from gener-
ating an interrupt until VCC rises to VCCTP. As a result,
any potential NMI pulse will not be initiated until VCC
reaches VCCTP.
Connecting NMI to PBRST would allow non–maskable
interrupt to generate an automatic reset when an out–
of–tolerance condition occurred in a monitored supply.
An example is shown in Figure 3.
Watchdog Timer
The watchdog timer function forces WDS signals active
when the ST input is not clocked within the 1 second
time out period. Timeout of the watchdog starts when
RST (or RST) becomes inactive. If a high–to–low transi-
tion occurs on the ST input pin prior to time–out, the
watchdog timer is reset and begins to time–out again. If
the watchdog timer is allowed to time out, the WDS sig-
nal is driven active (low) for a minimum of 130 ms. The
ST input can be derived from many microprocessor out-
puts. The typical signals used are the microprocessors
address signals, data signals, or control signals. When
the microprocessor functions normally, these signals
would, as a matter of routine, cause the watchdog to be
reset prior to time–out. To guarantee that the watchdog
timer does not time–out, a high–to–low transition must
occur at or less than the minimum watchdog time–out of
1 second. A typical circuit example is shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com