Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM6530T-R47M170 Datasheet(PDF) 1 Page - TDK Electronics

Part # SPM6530T-R47M170
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM6530T-R47M170 Datasheet(HTML) 1 Page - TDK Electronics

  SPM6530T-R47M170 Datasheet HTML 1Page - TDK Electronics SPM6530T-R47M170 Datasheet HTML 2Page - TDK Electronics SPM6530T-R47M170 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(1/3)
002-02 / 20101130 / e531_spm6530.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For Power Line(Wound, Magnetic Shielded)
SPM Series SPM6530
The SPM6530 is a large-current SMD power inductor that uses a
magnetic metal material.
This product has good superimposition characteristics and low DC
resistance.
FEATURES
• Small footpint and Low profile design
Footprint: 7.1
×6.5mm
Height: 3.0mm max.
• High power handling capability:
Small copper loss
Using large saturation induction of Fe-based metals
• A high Curie temperature of about 550°C means low inductance
temperature variance.
• Available for automatic mounting in tape and reel package.
APPLICATIONS
Note book type computers, VRMs, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×H
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
PACKAGING STYLE AND QUANTITIES
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
CIRCUIT DIAGRAM
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
HANDLING AND PRECAUTIONS
• Please contact us before cleaning this product.
• Maintain a safe distance between this product and other
components according to the working voltage.
• If this product is left in a humid environment for a long period of
time, rust may appear on the surface.
However, this does not affect performance.
Conformity to RoHS Directive
SPM
6530
T - 3R3 - M
(1)
(2)
(3)
(4)
(5)
6530
6.5
×3.0mm max.
T
Embossed carrier tape
3R3
3.3
µH
M±20%
Packaging style
Quantity
Taping
1000 pieces/reel
R47
7.1±0.3
Metal core
Weight: 0.656g
Dimensions in mm
1.85
3.7
1.85
Dimensions in mm
St.
120sec
30sec
230˚C
180˚C
150˚C
Pre-heating
2 to 4˚C/sec
Peak temperature
260
±3˚C, 10sec max.
Slow cooling
3 to 5˚C/sec
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - SPM6530T-R47M170

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-R47M170 TDK-SPM6530T-R47M170 Datasheet
122Kb / 9P
Inductors for Power Circuits Wound Metal
More results

Similar Description - SPM6530T-R47M170

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com