Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB36NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB36NM60N
Description  Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STB36NM60N Datasheet HTML 1Page - STMicroelectronics STB36NM60N Datasheet HTML 2Page - STMicroelectronics STB36NM60N Datasheet HTML 3Page - STMicroelectronics STB36NM60N Datasheet HTML 4Page - STMicroelectronics STB36NM60N Datasheet HTML 5Page - STMicroelectronics STB36NM60N Datasheet HTML 6Page - STMicroelectronics STB36NM60N Datasheet HTML 7Page - STMicroelectronics STB36NM60N Datasheet HTML 8Page - STMicroelectronics STB36NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID023785 Rev 3
5/18
STB36NM60ND, STW36NM60ND
Electrical characteristics
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
29
116
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 29 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 29 A, VDD = 60 V
di/dt=100 A/µs
(see Figure 18)
-175
ns
Qrr
Reverse recovery charge
-
1.4
µC
IRRM
Reverse recovery current
-
16
A
trr
Reverse recovery time
ISD = 29 A,VDD = 60 V
di/dt=100 A/µs,
TJ = 150 °C
(see Figure 18)
-255
ns
Qrr
Reverse recovery charge
-
2.6
µC
IRRM
Reverse recovery current
-
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com