Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW36NM60ND Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW36NM60ND
Description  Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW36NM60ND Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW36NM60ND Datasheet HTML 2Page - STMicroelectronics STW36NM60ND Datasheet HTML 3Page - STMicroelectronics STW36NM60ND Datasheet HTML 4Page - STMicroelectronics STW36NM60ND Datasheet HTML 5Page - STMicroelectronics STW36NM60ND Datasheet HTML 6Page - STMicroelectronics STW36NM60ND Datasheet HTML 7Page - STMicroelectronics STW36NM60ND Datasheet HTML 8Page - STMicroelectronics STW36NM60ND Datasheet HTML 9Page - STMicroelectronics STW36NM60ND Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STB36NM60ND, STW36NM60ND
6/18
DocID023785 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK
Figure 3. Thermal impedance for D2PAK
Figure 4. Safe operating area for TO-247
Figure 5. Thermal impedance for TO-247
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM09017v1
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM09019v1
ID
60
40
20
0
0
10
VDS(V)
20
(A)
5
15
25
80
5V
6V
7V
VGS=10V
30
10
50
70
30
AM08229v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
80
VDS=20V
10
30
50
70
AM00889v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com