Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSA172 Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NFSA172
Description  SPECIFICATIONS FOR AMBER LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSA172 Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NFSA172 Datasheet HTML 8Page - NICHIA CORPORATION NFSA172 Datasheet HTML 9Page - NICHIA CORPORATION NFSA172 Datasheet HTML 10Page - NICHIA CORPORATION NFSA172 Datasheet HTML 11Page - NICHIA CORPORATION NFSA172 Datasheet HTML 12Page - NICHIA CORPORATION NFSA172 Datasheet HTML 13Page - NICHIA CORPORATION NFSA172 Datasheet HTML 14Page - NICHIA CORPORATION NFSA172 Datasheet HTML 15Page - NICHIA CORPORATION NFSA172 Datasheet HTML 16Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NICHIA STS-DA1-1257A <Cat.No.101130>
12
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Unites
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld = 260°C, 10 sec, 2 reflows,
Precondition: 30°C, 70%RH, 168 hr
#1
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
303 303A
Tsld = 245±5°C, 5 sec,
Lead-free Solder (Sn-3.0Ag-0.5Cu)
#2
0/22
Thermal Shock
JEITA ED-4701
300 307
-40°C to 100°C, 1 min dwell,
10 sec transfer,
Precondition: 30°C, 70%RH, 168 hr
100 cycles
#1
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C (30 min) ~ 25°C (5 min) ~
100°C (30 min) ~ 25°C (5 min)
100 cycles
#1
0/50
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C, 90%RH,
24 hr per cycle
10 cycles
#1
0/50
High Temperature
Storage
JEITA ED-4701
200 201
TA=100°C
1000 hours
#1
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C、RH=90%
1000 hours
#1
0/50
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000 hours
#1
0/50
Room Temperature
Operating Life
TA=25°C、IF=250mA
Test board: See NOTES below
1000 hours
#1
0/50
High Temperature
Operating Life
TA=100°C、IF=150mA
Test board: See NOTES below
1000 hours
#1
0/50
Temperature Humidity
Operating Life
60°C、RH=90%、IF=200mA
Test board: See NOTES below
1000 hours
#1
0/50
Low Temperature
Operating Life
TA=-40°C、IF=150mA
Test board: See NOTES below
1000 hours
#1
0/50
Permanence of Marking
JEITA ED-4701
500 501
Isopropyl Alcohol, 23±5°C,
dipping Time: 5 min
1 time
#1
0/22
Vibration
JEITA ED-4701
400 403
200m/s2, 100 ~ 2000 ~ 100 Hz,
4 cycles, 4 min, each X, Y, Z
48 minutes
#1
0/10
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2 kV, 1.5 kΩ, 100 pF, 3 pulses,
alternately positive or negative
#1
0/22
NOTES:
1) Test board: FR4 board thickness = 1.6 mm, copper layer thickness = 0.07 mm, RθJA ≈ 95°C/W
2) Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria
Criteria #
Items
Conditions
Failure Criteria
Forward Voltage (VF)
IF=150mA
> Initial value × 1.1
#1
Luminous Flux (ΦV)
IF=150mA
< Initial value × 0.7
#2
Solderability
-
Less than 95% solder coverage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com