Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1807 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1807
Description  Addressable Dual Audio Taper Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1807 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1807 Datasheet HTML 1Page - Dallas Semiconductor DS1807 Datasheet HTML 2Page - Dallas Semiconductor DS1807 Datasheet HTML 3Page - Dallas Semiconductor DS1807 Datasheet HTML 4Page - Dallas Semiconductor DS1807 Datasheet HTML 5Page - Dallas Semiconductor DS1807 Datasheet HTML 6Page - Dallas Semiconductor DS1807 Datasheet HTML 7Page - Dallas Semiconductor DS1807 Datasheet HTML 8Page - Dallas Semiconductor DS1807 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1807
2 of 13
110499
The DS1807 is available in 14-pin DIP, SOIC, and TSSOP packages. The DS1807 is offered in industrial
temperature grades. The standard resistance of the DS1807 is 45 k
Ω.
DEVICE OPERATION
The DS1807 is an addressable, digitally controlled device that has two 65-position potentiometers. The
DS1807 potentiometers are logarithmic tapers providing a resolution or step size of 1 dB per step from
positions 0 through 63. The 64
th position is the mute position and provides attenuation in excess of 90 dB.
Moving the potentiometer’s wiper from position 63 (or 63 dB of attenuation) to position 64 will provide a
step size in excess of 30 dB. A functional block diagram of the part is shown in Figure 1.
As stated, each potentiometer is composed of a 65 position resistor array. Two 8-bit registers, each
assigned to a respective potentiometer, are used to set wiper position on the resistor array. The wiper
terminal is multiplexed to one of 65 positions on the resistor array based on its corresponding 8-bit
register value.
Because the DS1807 has 65 positions, only seven bits of data are needed to set a wiper’s position. Bits 0
through 5 of the register are used to set the position on the resistor array. Bit 6 is used to set the wiper
position to the mute position and bit 7 is a don’t care. If the value of bit 6 is set equal to 1, regardless of
all other bit values, the wiper position of the respective potentiometer will be set to the mute position. An
example diagram of the wiper register and associated bit function is provided in Figure 2.
The DS1807 is designed to operate as an attenuator. (see Figure 3) As such, wiper position values are set
with respect to the amount of attenuation desired. For example, if the user wishes to attenuate an
incoming signal by 6 dB, the wiper position register value(s) should be set to binary (0000 0110).
The H0 and H1 terminals of the DS1807 have wiper position values (binary) 0000 0000. These terminals
provide 0 dB of attenuation for the input signal. The L0 and L1 terminals provide the greatest attenuation
of the input signal. They represent the mute positions for the DS1807 and have wiper position values
(binary) 0100 0000 or greater.
On power-up, the serial port is stable and active within 10 microseconds. Additionally, DS1807 wiper
positions will be set to position 63 or (binary) 0011 1111, one position above mute. The user may then set
the wiper register to a desired value.
Communication with the DS1807 takes place over the 2-wire serial interface consisting of the bi-
directional data terminal, SDA, and the serial clock input, SCL. The 2-wire serial interface and chip
select inputs A0, A1, and A2 allow operation of up to eight devices in a bus topology; with A0, A1, and
A2 being the physical address of the device. Complete details of the 2-Wire interface are discussed in the
section entitled “2-Wire Serial Data Bus.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com