Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN20002 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN20002
Description  200MHz SAW Filter 61MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN20002 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN20002 Datasheet HTML 1Page - SIPAT Co,Ltd LBN20002 Datasheet HTML 2Page - SIPAT Co,Ltd LBN20002 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN20002
Rev. Date
2010-03-31
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
200MHz SAW Filter
61MHz Bandwidth
Part Number: LBN20002
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
199.5
200
200.5
Insertion Loss
dB
-
22
30
1.5 dB Bandwidth
MHz
60.9
61.53
-
3 dB Bandwidth
MHz
-
62.84
-
40 dB Bandwidth
MHz
-
69.31
-
45 dB Bandwidth
MHz
-
69.51
71
Passband Variation
dB
-
0.9
1.5
Absolute Delay
usec
-
0.97
-
Ultimate Rejection(f0±45MHz)
dB
48
51
-
Material Temperature coefficient
KHz/°C
-16.4
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=47nH L2=27nH
L3=18nH L4=150nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
INPUT
OUTPUT
50Ω
50Ω
L1
L3
L4


Similar Part No. - LBN20002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN20002 SIPAT-LBN20002 Datasheet
139Kb / 3P
200MHz SAW Filter 61MHz Bandwidth
LBN20002 SIPAT-LBN20002_10 Datasheet
144Kb / 3P
200MHz SAW Filter 61MHz Bandwidth
More results

Similar Description - LBN20002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN20001 SIPAT-LBN20001 Datasheet
139Kb / 3P
200MHz SAW Filter 76MHz Bandwidth
LBN20002 SIPAT-LBN20002 Datasheet
139Kb / 3P
200MHz SAW Filter 61MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
144Kb / 3P
200MHz SAW Filter 19MHz Bandwidth
LBN20002 SIPAT-LBN20002_10 Datasheet
144Kb / 3P
200MHz SAW Filter 61MHz Bandwidth
LBN20010 SIPAT-LBN20010 Datasheet
152Kb / 3P
200MHz SAW Filter 75MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
152Kb / 3P
200MHz SAW Filter 9MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
200MHz SAW Filter 19MHz Bandwidth
LBT20013 SIPAT-LBT20013 Datasheet
316Kb / 3P
200MHz SAW Filter 4.5MHz Bandwidth
LBT20015 SIPAT-LBT20015 Datasheet
322Kb / 3P
200MHz SAW Filter 13.85MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com