Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJSW172 Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NJSW172
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NJSW172 Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NJSW172 Datasheet HTML 6Page - NICHIA CORPORATION NJSW172 Datasheet HTML 7Page - NICHIA CORPORATION NJSW172 Datasheet HTML 8Page - NICHIA CORPORATION NJSW172 Datasheet HTML 9Page - NICHIA CORPORATION NJSW172 Datasheet HTML 10Page - NICHIA CORPORATION NJSW172 Datasheet HTML 11Page - NICHIA CORPORATION NJSW172 Datasheet HTML 12Page - NICHIA CORPORATION NJSW172 Datasheet HTML 13Page - NICHIA CORPORATION NJSW172 Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NICHIA STS-DA1-1379A <Cat.No.110629>
9
DERATING CHARACTERISTICS
NJSx172
STS-DA7-0455A
管理番号
No.
Derating1
0
100
200
300
400
500
0
20
406080
100
120
(63, 450)
(100, 261)
Derating2
0
100
200
300
400
500
0
20
40
60
80
100
120
(100, 450)
Duty
10
100
1000
1
10
100
450
900
カソード側はんだ接合部温度-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
カソード側はんだ接合部温度
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
T
A=25°C
55°C/W
θJA
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com