Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1813 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1813
Description  5V EconoReset with Pushbutton
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1813 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1813 Datasheet HTML 1Page - Dallas Semiconductor DS1813 Datasheet HTML 2Page - Dallas Semiconductor DS1813 Datasheet HTML 3Page - Dallas Semiconductor DS1813 Datasheet HTML 4Page - Dallas Semiconductor DS1813 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1813
4 of 5
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on RST Relative to Ground
-0.5V to +5VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
0.0
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Current @ 0.4 volts
IOL
+10
mA
2, 3
Voltage Input Low
VIL
0.4
V
1
Voltage Input High
VIH
0.7
*VCC
V1
Operating Current VCC < 5.5
ICC
30
40
µA
4
VCC Trip Point (DS1813-5)
VCCTP
4.50
4.62
4.75
V
1
VCC Trip Point (DS1813-10)
VCCTP
4.25
4.35
4.49
V
1
VCC Trip Point (DS1813-15)
VCCTP
4.00
4.13
4.24
V
1
Internal Pull-Up Resistor
RP
3.50
5.5
7.5
k
6
Output Capacitance
COUT
10
pF
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; V
CC=1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RESET Active Time
tRST
100
150
300
ms
VCC Detect to RST
tRPD
25
µs
VCC Slew Rate
(VCCTP (MAX) - VCCTP (MIN))
tF
300
µs
7
VCC Slew Rate
(VCCTP (MIN) - VCCTP (MAX))
tR
0ns
VCC Detect to RST
tRPU
100
150
300
ms
5
Pushbutton Detect to RST
tPB
1
µs
Pushbutton Reset
tPBRST
100
150
300
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com