Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2148 Datasheet(PDF) 1 Page - NEC

Part # 2SC2148
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2148 Datasheet(HTML) 1 Page - NEC

  2SC2148 Datasheet HTML 1Page - NEC 2SC2148 Datasheet HTML 2Page - NEC 2SC2148 Datasheet HTML 3Page - NEC 2SC2148 Datasheet HTML 4Page - NEC 2SC2148 Datasheet HTML 5Page - NEC 2SC2148 Datasheet HTML 6Page - NEC 2SC2148 Datasheet HTML 7Page - NEC 2SC2148 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1981
DATA SHEET
SILICON TRANSISTORS
DESCRIPTION
The 2SC2148, 2SC2149 are economical microwave transistors
encapsulated into new hermetic stripline packages, "micro X".
These are designed for small signal amplifier, low noise amplifier,
and oscillator applications in the L to C band, and CML circuit use.
FEATURES
2SC2148 NF: 2.1 dB TYP. @f = 500 MHz
2SC2149 NF: 2.6 dB TYP. @f = 2.0 GHz
Derating curves of the 2SC2148, 2SC2149.
The maximum junction temperature of these transistors is allowed up to 200
°C, but the ambient or storage
temperature is limitted to 150
°C. The operating junction temperature is estimated with power consumption (PT) and
thermal resistance mentioned on these derating curves.
2SC2148, 2SC2149
Document No. P11809EJ2V0DS00 (2nd edition)
(Previous No. TC-1428)
Date Published August 1996 P
Printed in Japan
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
PACKAGE DIMENSIONS
(Unit : mm)
1
2
0.5±0.05
2.55±0.2
2.1
φ
3
4
4.0 MIN.
1.
2.
3.
4.
Emitter
Collector
Emitter
Base
4.0 MIN.
45
°
The information in this document is subject to change without notice.


Similar Part No. - 2SC2148

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC2148 NJSEMI-2SC2148 Datasheet
133Kb / 2P
SILICON TRANSISTR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results

Similar Description - 2SC2148

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com