Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1866Z Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1866Z
Description  Log Trimmer Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1866Z Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1866Z Datasheet HTML 1Page - Dallas Semiconductor DS1866Z Datasheet HTML 2Page - Dallas Semiconductor DS1866Z Datasheet HTML 3Page - Dallas Semiconductor DS1866Z Datasheet HTML 4Page - Dallas Semiconductor DS1866Z Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS1866
5 of 5
102199
NOTES:
1. All voltages are referenced to ground.
2. For VCC = 5V ± 10% maximum VIL = +0.8V. For VCC 3.0 ± 10% VIL = +0.6V. For VCC =2.7 volts VIH
=2.0 volts minimum.
3. Resistor input voltages cannot go below ground or exceed VCC by the amounts as shown in the table.
4. Maximum current specifications are based on the change rate of the parallel port inputs P0, P1, and
P2.
5. Standby current specifications apply when P0, P1, P2 logic inputs are driven within the specified VIH
or VIL levels.
6. Valid at 25
°C only.
7. The end-to-end resistance tolerance of the DS1866 can be expected to shift with temperature.
However, this change will not exceed ±20% of the nominal resistor value of the part.
8. Absolute tolerance is used to compare measured wiper voltage versus expected wiper voltage as
determined by wiper position. The DS1866 is specified to provide an absolute tolerance of ±1.0 dB.
9. Tap-to-tap tolerance is used to determine the change in voltage between successive tap positions. The
DS1866 is specified to provide a tap-to-tap tolerance specification of ±1.0 dB.
10. -3 dB cutoff frequency characteristic for the DS1866 is 1 MHz.
11. Capacitance values apply at 25°C.
12. This specification refers to the time difference between parallel port input changes to stabilize a wiper
transition.
DS1866 ORDERING INFORMATION
ORDERING NUMBER
PACKAGE
OPERATING
TEMPERATURE
VERSION
DS1866
8L DIP
-40°C TO +85°C
10k
Ω
DS1866Z
8L SOIC (150-MIL)
-40°C TO +85°C
10k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com