Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1867 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1867
Description  Dual Digital Potentiometer with EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1867 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1867 Datasheet HTML 1Page - Dallas Semiconductor DS1867 Datasheet HTML 2Page - Dallas Semiconductor DS1867 Datasheet HTML 3Page - Dallas Semiconductor DS1867 Datasheet HTML 4Page - Dallas Semiconductor DS1867 Datasheet HTML 5Page - Dallas Semiconductor DS1867 Datasheet HTML 6Page - Dallas Semiconductor DS1867 Datasheet HTML 7Page - Dallas Semiconductor DS1867 Datasheet HTML 8Page - Dallas Semiconductor DS1867 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1867
2 of 14
102199
DESCRIPTION
The DS1867 Dual Digital Potentiometer with EEPROM is the nonvolatile version of the popular DS1267
Dual Digital Potentiometer. The DS1867 consists of two digitally controlled potentiometers having 256-
position wiper settings. Wiper position is maintained in the absence of power through the use of
EEPROM memory cell arrays. Communication and control of the device are accomplished over a 3-wire
serial port which allows reads and writes of the wiper position. Both potentiometers can be stacked for
increased total resistance with the same resolution. For multiple-device, single-processor environments,
the DS1867 can be cascaded for control over a single 3-wire bus. The DS1867 is offered in three standard
resistance values.
OPERATION
The DS1867 contains two 256-position potentiometers whose wiper positions are set by an 8-bit value.
These two 8-bit values are written to a 17-bit I/O shift register which is used to store wiper position and
the stack select bit when the device is powered. An additional memory area, the shadow memory, stores
the 17-bit I/O shift register during a power-down sequence which provides for wiper nonvolatility. A
block diagram of the DS1867 is presented in Figure 1.
Communication and control of the DS1867 is accomplished through a 3-wire serial port interface that
drives an internal control logic unit. The 3-wire serial interface consists of the three input signals: RST ,
CLK, and DQ.
The RST control signal is used to enable 3-wire serial port operation of the device. The RST signal is an
active high input and is required to begin any communication to the DS1867. The CLK signal input is
used to provide timing synchronization for data input and output. The DQ signal line is used to transmit
potentiometer wiper settings and the stack select bit configuration to the 17-bit I/O shift register of the
DS1867.
Figure 2(a) presents the 3-wire serial port protocol. As shown, the 3-wire port is inactive when the RST
signal input is low. Communication with the DS1867 requires the transition of the RST input from a low
state to a high state. Once the 3-wire port has been activated, data is latched into the part on the low to
high transition of the CLK signal input. Three-wire serial timing requirements are provided in the timing
diagrams of Figure 2(b) and (c).
Data written to the DS1867 over the 3-wire serial interface is stored in the 17-bit I/O shift register (see
Figure 3). The 17-bit I/O shift register contains both 8-bit potentiometer wiper position values and the
stack select bit. The composition of the I/O shift register is presented in Figure 3. Bit 0 of the I/O shift
register contains the stack select bit. This bit will be discussed in the section entitled Stacked
Configuration. Bits 1 through 8 of the I/O shift register contain the potentiometer-1 wiper position value.
Bit 1 will contain the MSB of the wiper setting for potentiometer-1 and bit 8 the LSB for the wiper
setting. Bits 9 through 16 of the I/O shift register contain the value of the potentiometer-0 wiper position
with the MSB for the wiper position occupying bit 9 and the LSB bit 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com