Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1111CE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1111CE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111CE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1111CE Datasheet HTML 1Page - Maxim Integrated Products MAX1111CE Datasheet HTML 2Page - Maxim Integrated Products MAX1111CE Datasheet HTML 3Page - Maxim Integrated Products MAX1111CE Datasheet HTML 4Page - Maxim Integrated Products MAX1111CE Datasheet HTML 5Page - Maxim Integrated Products MAX1111CE Datasheet HTML 6Page - Maxim Integrated Products MAX1111CE Datasheet HTML 7Page - Maxim Integrated Products MAX1111CE Datasheet HTML 8Page - Maxim Integrated Products MAX1111CE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND ..............................................................-0.3V to 6V
AGND to DGND .......................................................-0.3V to 0.3V
CH0–CH7, COM, REFIN,
REFOUT to AGND ......................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND ...............................................-0.3V to 6V
Digital Outputs to DGND ............................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) .....................667mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX1110CAP/MAX1111CEE...............................0°C to +70°C
MAX1110EAP/MAX1111EGE............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; unipolar input mode; VCOM = 0V; fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion cycle
(50ksps); 1µF capacitor at REFOUT; TA = TMIN to TMAX; unless otherwise noted.)
-3dB rolloff
MHz
1.5
Small-Signal Bandwidth
kHz
800
VCH_ = 2.048VP-P, 25kHz (Note 4)
External reference, 2.048V
VDD = 2.7V to 3.6V
VDD = 2.7V to 3.6V
No missing codes over temperature
±0.35
±1
CONDITIONS
Full-Power Bandwidth
±1
Internal or external reference
LSB
Gain Error (Note 3)
dB
-75
Channel-to-Channel Crosstalk
dB
68
SFDR
Spurious-Free Dynamic Range
dB
-70
THD
Total Harmonic Distortion
(up to the 5th harmonic)
±0.15
±0.5
LSB
±0.1
Channel-to-Channel
Offset Matching
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LSB
±0.3
±1
TUE
Total Unadjusted Error
Bits
8
Resolution
dB
49
SINAD
Signal-to-Noise
and Distortion Ratio
VDD = 5.5V (Note 2)
LSB
±0.2
INL
Relative Accuracy (Note 1)
VDD = 5.5V (Note 2)
LSB
±0.5
Offset Error
DC ACCURACY
DYNAMIC SPECIFICATIONS (10.034kHz sine-wave input, 2.048VP-P, 50ksps, 500kHz external clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com