Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS18S20 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS18S20
Description  High Precision 1-Wire Digital Thermometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18S20 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS18S20 Datasheet HTML 17Page - Dallas Semiconductor DS18S20 Datasheet HTML 18Page - Dallas Semiconductor DS18S20 Datasheet HTML 19Page - Dallas Semiconductor DS18S20 Datasheet HTML 20Page - Dallas Semiconductor DS18S20 Datasheet HTML 21Page - Dallas Semiconductor DS18S20 Datasheet HTML 22Page - Dallas Semiconductor DS18S20 Datasheet HTML 23Page - Dallas Semiconductor DS18S20 Datasheet HTML 24Page - Dallas Semiconductor DS18S20 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DS18S20
21 of 27
Related Application Notes
The following Application Notes can be applied to the DS18S20. These notes can be obtained from the
Dallas Semiconductor “Application Note Book,” via our website at http://www.dalsemi.com/.
Application Note 27: “Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor
Touch Memory Product”
Application Note 55: “Extending the Contact Range of Touch Memories”
Application Note 74: “Reading and Writing Touch Memories via Serial Interfaces”
Application Note 104: “Minimalist Temperature Control Demo”
Application Note 105: “High Resolution Temperature Measurement with Dallas Direct–to–Direct
Temperature Sensors”
Application Note 106: “Complex MicroLANs”
Application Note 108: “MicroLAN – In the Long Run”
Sample 1–Wire subroutines that can be used in conjunction with AN74 can be downloaded from the
website or our Anonymous FTP Site.
MEMORY FUNCTION EXAMPLE Table 3
Example: Bus Master initiates temperature conversion, then reads temperature (parasite power assumed).
MASTER MODE
DATA (LSB FIRST)
COMMENTS
TX
Reset
Reset pulse (480-960 µs).
RX
Presence
Presence pulse.
TX
55h
Issue “Match ROM” command.
TX
<64-bit ROM code>
Issue address for DS18S20.
TX
44h
Issue “ Convert T” command.
TX
<I/O LINE HIGH>
I/O line is held high for at least 750 ms by bus master to
allow conversion to complete.
TX
Reset
Reset pulse.
RX
Presence
Presence pulse.
TX
55h
Issue “Match ROM” command.
TX
<64-bit ROM code>
Issue address for DS18S20.
TX
BEh
Issue “Read Scratchpad” command.
RX
<9 data bytes>
Read entire scratchpad plus CRC; the master now
recalculates the CRC of the eight data bytes received
from the scratchpad, compares the CRC calculated and
the CRC read. If they match, the master continues; if
not, this read operation is repeated.
TX
Reset
Reset pulse.
RX
Presence
Presence pulse, done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com