Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32921 Datasheet(PDF) 19 Page - EPCOS

Part # B32921
Description  EMI Suppression Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921 Datasheet(HTML) 19 Page - EPCOS

Back Button B32921 Datasheet HTML 14Page - EPCOS B32921 Datasheet HTML 15Page - EPCOS B32921 Datasheet HTML 16Page - EPCOS B32921 Datasheet HTML 17Page - EPCOS B32921 Datasheet HTML 18Page - EPCOS B32921 Datasheet HTML 19Page - EPCOS B32921 Datasheet HTML 20Page - EPCOS B32921 Datasheet HTML 21Page - EPCOS B32921 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Symbols and terms
Symbol
English
German
α
Heat transfer coefficient
Wärmeübergangszahl
α
C
Temperature coefficient of capacitance
Temperaturkoeffizient der Kapazität
A
Capacitor surface area
Kondensatoroberfläche
β
C
Humidity coefficient of capacitance
Feuchtekoeffizient der Kapazität
C
Capacitance
Kapazität
CR
Rated capacitance
Nennkapazität
∆C
Absolute capacitance change
Absolute Kapazitätsänderung
∆C/C
Relative capacitance change (relative
deviation of actual value)
Relative Kapazitätsänderung (relative
Abweichung vom Ist-Wert)
∆C/C
R
Capacitance tolerance (relative deviation
from rated capacitance)
Kapazitätstoleranz (relative Abweichung
vom Nennwert)
dt
Time differential
Differentielle Zeit
∆t
Time interval
Zeitintervall
∆T
Absolute temperature change
(self-heating)
Absolute Temperaturänderung
(Selbsterwärmung)
∆tan δ
Absolute change of dissipation factor
Absolute Änderung des Verlustfaktors
∆V
Absolute voltage change
Absolute Spannungsänderung
dV/dt
Time differential of voltage function (rate
of voltage rise)
Differentielle Spannungsänderung
(Spannungsflankensteilheit)
∆V/∆t
Voltage change per time interval
Spannungsänderung pro Zeitintervall
E
Activation energy for diffusion
Aktivierungsenergie zur Diffusion
ESL
Self-inductance
Eigeninduktivität
ESR
Equivalent series resistance
Ersatz-Serienwiderstand
f
Frequency
Frequenz
f1
Frequency limit for reducing permissible
AC voltage due to thermal limits
Grenzfrequenz für thermisch bedingte
Reduzierung der zulässigen
Wechselspannung
f2
Frequency limit for reducing permissible
AC voltage due to current limit
Grenzfrequenz für strombedingte
Reduzierung der zulässigen
Wechselspannung
fr
Resonant frequency
Resonanzfrequenz
FD
Thermal acceleration factor for diffusion
Therm. Beschleunigungsfaktor zur
Diffusion
FT
Derating factor
Deratingfaktor
i
Current (peak)
Stromspitze
IC
Category current (max. continuous
current)
Kategoriestrom (max. Dauerstrom)
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 19 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com