Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32922 Datasheet(PDF) 6 Page - EPCOS

Part # B32922
Description  EMI Suppression Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32922 Datasheet(HTML) 6 Page - EPCOS

Back Button B32922 Datasheet HTML 2Page - EPCOS B32922 Datasheet HTML 3Page - EPCOS B32922 Datasheet HTML 4Page - EPCOS B32922 Datasheet HTML 5Page - EPCOS B32922 Datasheet HTML 6Page - EPCOS B32922 Datasheet HTML 7Page - EPCOS B32922 Datasheet HTML 8Page - EPCOS B32922 Datasheet HTML 9Page - EPCOS B32922 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ordering codes and packing units
Lead
spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
Pins
x Preferred type
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
=
(Closer tolerances on request)
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
240 = Crimped down from lead spacing 10 mm to
7.5 mm, Ammo pack
140 = Crimped down from lead spacing 10 mm to
7.5 mm, Reel
255 = Crimped down from lead spacing 15 mm to
7.5 mm, Ammo pack
155 = Crimped down from lead spacing 15 mm to
7.5 mm, Reel
003 = Straight terminals, untaped (lead length
3.2
±0.3 mm)
000 = Straight terminals, untaped (lead length 6 -
1 mm)
22.5
0.22
6.0
× 15.0 × 26.5 B32923C3224+***
2720
2800
2880
2
0.33
6.0
× 15.0 × 26.5 B32923C3334M***
2720
2800
2880
2
0.33
7.0
× 16.0 × 26.5 B32923D3334K***
2320
2400
2520
2
0.47
8.5
× 16.5 × 26.5 B32923C3474+***
1920
2000
2040
2
0.68
10.5
× 16.5 × 26.5 B32923C3684+***
1560
1600
2160
2
1.0
11.0
× 20.5 × 26.5 B32923C3105+*** x 1480
1400
2040
2
1.5
12.0
× 22.0 × 26.5 B32923C3155M***
1800
2
2.2
14.5
× 29.5 × 26.5 B32923C3225+***
1040
2
27.5
0.68
11.0
× 19.0 × 31.5 B32924C3684+***
1400
1280
2
1.0
11.0
× 19.0 × 31.5 B32924C3105+***
1400
1280
2
1.5
12.5
× 21.5 × 31.5 B32924C3155+*** x
1200
1120
2
2.2
14.0
× 24.5 × 31.5 B32924C3225+***
1040
2
3.3
16.0
× 32.0 × 31.5 B32924D3335K***
880
2
3.3
18.0
× 27.5 × 31.5 B32924C3335M***
800
2
4.7
18.0
× 33.0 × 31.5 B32924C3475M***
800
2
4.7
21.0
× 31.0 × 31.5 B32924D3475K***
720
2
5.6
22.0
× 36.5 × 31.5 B32924C3565+***
784
2
B32921C/D ... B32928C/D
X2 / 305 V AC
Page 6 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com