Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS9101
Description  RTC iButton
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9101 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS9101 Datasheet HTML 1Page - Dallas Semiconductor DS9101 Datasheet HTML 2Page - Dallas Semiconductor DS9101 Datasheet HTML 3Page - Dallas Semiconductor DS9101 Datasheet HTML 4Page - Dallas Semiconductor DS9101 Datasheet HTML 5Page - Dallas Semiconductor DS9101 Datasheet HTML 6Page - Dallas Semiconductor DS9101 Datasheet HTML 7Page - Dallas Semiconductor DS9101 Datasheet HTML 8Page - Dallas Semiconductor DS9101 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS1904
2 of 12
hazards such as dirt, moisture, and shock. Accessories permit the DS1904 to be mounted on almost any
surface including printed circuit boards and plastic key fobs. The DS1904 adds functions such as
calendar, time and date stamp, stopwatch, hour meter, interval timer, and logbook to any type of
electronic device or embedded application that uses a microcontroller.
OVERVIEW
The DS1904 has two main data components: 1) 64-bit lasered ROM, and 2) real-time clock counter
(Figure 1). The real-time clock utilizes an on-chip oscillator that is connected to a 32.768 kHz crystal.
The hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide
one of four ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM.
The protocol for these ROM functions is described in Figure 7. After a ROM function command is
successfully executed, the real-time clock functions become accessible and the master may then provide
one of the real-time clock function commands. The protocol for these commands is described in Figure 5.
All data is read and written least significant bit first.
BLOCK DIAGRAM Figure 1
1 Hz
DIVIDER
DATA
ROM
CONTROL
FUNCTION
64-BIT
ROM
LASERED
CLOCK
FUNCTION
CONTROL
OSCILLATOR
CONTROL
READ/WRITE BUFFER
RTC COUNTER (32-BIT)
32.768 kHz
OSCILLATOR
LID
CONTACT
LITHIUM
3V
64-BIT LASERED ROM
Each DS1904 contains a unique ROM code that is 64 bits long. The first eight bits are a 1-Wire family
code. The next 48 bits are a unique serial number. The last eight bits are a CRC of the first 56 bits. (See
Figure 3.) The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 4. The polynomial is X
8 + X5 + X4 + 1. Additional information about the
Dallas Semiconductor 1-Wire Cyclic Redundancy Check is available in the Book of DS19xx iButton
Standards. The shift register bits are initialized to zero. Then starting with the least significant bit of the
family code, one bit at a time is shifted in. After the 8th bit of the family code has been entered, then the
serial number is entered. After the 48th bit of the serial number has been entered, the shift register
contains the CRC value. Shifting in the eight bits of CRC should return the shift register to all zeros. The
64-bit ROM and ROM Function Control section allow the DS1904 to operate as a 1-Wire device and
follow the 1-Wire protocol detailed in the section "1-Wire Bus System".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com