Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985-F5 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1985-F5
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985-F5 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1985-F5 Datasheet HTML 9Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 10Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 11Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 12Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 13Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 14Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 15Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 16Page - Dallas Semiconductor DS1985-F5 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS1985
13 of 25
WRITE MEMORY [0FH]
The Write Memory command is used to program the 16384–bit EPROM data field. The bus master will
follow the command byte with a two byte starting address (TA1=(T7:T0), TA2=(T15:T8)) and a byte of
data (D7:D0). A 16-bit CRC of the command byte, address bytes, and data byte is computed by the
DS1985 and read back by the bus master to confirm that the correct command word, starting address, and
data byte were received.
The highest starting address within the DS1985 is 07FFH. If the bus master sends a starting address
higher than this, the five most significant address bits are set to 0 by the internal circuitry of the chip. This
will result in a mismatch between the CRC calculated by the DS1985 and the CRC calculated by the bus
master, indicating an error condition.
If the CRC read by the bus master is incorrect, a Reset Pulse must be issued and the entire sequence must
be repeated. If the CRC received by the bus master is correct, a programming pulse (12 volts on the 1-
Wire bus for 480
µs) is issued by the bus master. Prior to programming, the entire unprogrammed 16384-
bit EPROM data field will appear as logical 1s. For each bit in the data byte provided by the bus master
that is set to a logical 0, the corresponding bit in the selected byte of the 16384-bit EPROM will be
programmed to a logical 0 after the programming pulse has been applied at that byte location.
After the 480
µs programming pulse is applied and the data line returns to the idle level, the bus master
issues eight read time slots to verify that the appropriate bits have been programmed. The DS1985
responds with the data from the selected EPROM address sent least significant bit first. This byte contains
the logical AND of all bytes written to this EPROM data address. If the EPROM data byte contains 1s in
bit positions where the byte issued by the master contained 0s, a Reset Pulse should be issued and the
current byte address should be programmed again. If the DS1985 EPROM data byte contains 0s in the
same bit positions as the data byte, the programming was successful and the DS1985 will automatically
increment its address counter to select the next byte in the 16384-bit EPROM data field. The new 2-byte
address will also be loaded into the 16-bit CRC generator as a starting value. The bus master will issue
the next byte of data using eight write time slots.
As the DS1985 receives this byte of data into the scratchpad, it also shifts the data into the CRC generator
that has been preloaded with the current address and the result is a 16-bit CRC of the new data byte and
the new address. After supplying the data byte, the bus master will read this 16-bit CRC from the DS1985
with 16 read time slots to confirm that the address incremented properly and the data byte was received
correctly. If the CRC is incorrect, a Reset Pulse must be issued and the Write Memory command
sequence must be restarted. If the CRC is correct, the bus master will issue a programming pulse and the
selected byte in memory will be programmed.
Note that the initial pass through the Write Memory flow chart will generate a 16-bit CRC value that is
the result of shifting the command byte into the CRC generator, followed by the two address bytes, and
finally the data byte. Subsequent passes through the Write Memory flow chart due to the DS1985
automatically incrementing its address counter will generate a 16-bit CRC that is the result of loading (not
shifting) the new (incremented) address into the CRC generator and then shifting in the new data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com