Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1994 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1994
Description  4kb Plus Time Memory iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1994 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1994 Datasheet HTML 14Page - Dallas Semiconductor DS1994 Datasheet HTML 15Page - Dallas Semiconductor DS1994 Datasheet HTML 16Page - Dallas Semiconductor DS1994 Datasheet HTML 17Page - Dallas Semiconductor DS1994 Datasheet HTML 18Page - Dallas Semiconductor DS1994 Datasheet HTML 19Page - Dallas Semiconductor DS1994 Datasheet HTML 20Page - Dallas Semiconductor DS1994 Datasheet HTML 21Page - Dallas Semiconductor DS1994 Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS1994
21 of 22
PHYSICAL SPECIFICATIONS
Size
See mechanical drawing
Weight
3.3 grams (F5 package)
Humidity
90% RH at 50
°C
Altitude
10,000 feet
Expected Service Life
10 years at 25
°C
Safety
Meets UL#913 (4th Edit.); Intrinsically Safe Apparatus,
Approved under Entity Concept for use in Class I,
Division 1, Group A, B, C, and D Locations
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-40
°C to +70°C
Storage Temperature
-40
°C to +70°C
* This is a stress rating only, and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 6.0V; -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Logic 1 (Note 1)
VIH
2.2
V
Logic 0 (Note 1)
VIL
-0.3
+0.8
V
Output Logic Low at 4mA
(Note 1)
VOL
0.4
V
Output Logic High (Notes 1,
2)
VOH
VPUP
V
Input Load Current (Note 3)
IL
5
mA
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
I/O (1-Wire) (Notes 6, 8)
CIN/OUT
100
800
pF
AC ELECTRICAL CHARACTERISTICS
(VPUP = 2.8V to 6.0V; -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
60
120
ms
Write 1 Low Time
tLOW1
115
ms
Write 0 Low Time
tLOW0
60
120
ms
Read Data Valid
tRDV
exactly 15
ms
Release Time
tRELEASE
015
45
ms
Read Data Setup (Note 5)
tSU
1
ms
Interrupt
tINT
960
4800
ms
Recovery Time
tREC
1
ms
Reset Time High (Note 4)
tRSTH
480
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com