Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RGL34K
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGL34K Datasheet(HTML) 2 Page - Vishay Siliconix

  RGL34K Datasheet HTML 1Page - Vishay Siliconix RGL34K Datasheet HTML 2Page - Vishay Siliconix RGL34K Datasheet HTML 3Page - Vishay Siliconix RGL34K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RGL34A, RGL34B, RGL34D, RGL34G, RGL34J, RGL34K
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-13
2
Document Number: 88698
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Thermal resistance from junction to ambient, 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
RGL34A
RGL34B
RGL34D
RGL34G
RGL34J
RGL34K
UNIT
Maximum
instantaneous
forward voltage
0.5 A
VF
1.3
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
4pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RGL34A
RGL34B
RGL34D
RGL34G
RGL34J
RGL34K
UNIT
Maximum thermal resistance
RJA (1)
150
°C/W
RJT (2)
70
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RGL34J-E3/98
0.036
98
2500
7" diameter plastic tape and reel
RGL34J-E3/83
0.036
83
9000
13" diameter plastic tape and reel
RGL34JHE3/98 (1)
0.036
98
2500
7" diameter plastic tape and reel
RGL34JHE3/83 (1)
0.036
83
9000
13" diameter plastic tape and reel
0
0.3
0.4
0.5
75
50
25
0
100
125
150
175
Terminal Temperature (°C)
0.2
0.1
Resistive or Inductive Load
0
10
12
2
4
6
8
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com