Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2525 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC2525
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC2525 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC2525 Datasheet HTML 1Page - Savantic, Inc. 2SC2525 Datasheet HTML 2Page - Savantic, Inc. 2SC2525 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC2525
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA; RBE=;
120
V
V(BR)CBO
Collector-base breakdown voltage
IC=50µA; IE=0
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=50µA; IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=5 A;IB=0.5 A
0.7
1.8
V
VBE
Base-emitter voltage
IC=5A ; VCE=5V
1.25
1.7
V
ICBO
Collector cut-off current
VCB=120V; IE=0
50
µA
IEBO
Emitter cut-off current
VEB=7V; IC=0
50
µA
hFE-1
DC current gain
IC=1A ; VCE=5V
60
200
hFE-2
DC current gain
IC=7A ; VCE=5V
40
fT
Transition frequency
IC=1A ; VCB=10V,f=1MHz
50
80
MHz
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
180
300
pF
Switching times
tr
Rise time
0.3
µs
ts
Storage time
1.3
µs
tf
Fall time
IC=7.5A; RL=4D
IB1=-IB2=0.75A
0.2
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com