Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSB12JS2 Datasheet(PDF) 2 Page - Rohm

Part # RSB12JS2
Description  Low Capacitance Protection Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSB12JS2 Datasheet(HTML) 2 Page - Rohm

  RSB12JS2 Datasheet HTML 1Page - Rohm RSB12JS2 Datasheet HTML 2Page - Rohm RSB12JS2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSB12JS2
Electrical characteristics curve
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISRESION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISRESION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISRESION MAP
TIME:t(s)
Rth-t CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
01
234
567
89
Ta=25℃
Ta=-25℃
Ta=75℃
Ta=125℃
Ta=150℃
0
1
2
3
4
5
6
7
8
9
10
Ta=25℃
VR=9V
n=30pcs
AVE:0.3089nA
0.1
1
10
012
345
6789
f=1MHz
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
AVE:0.996pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
12
13
14
15
16
17
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=150℃
1
10
100
0.1
1
10
13.3
13.4
13.5
13.6
13.7
13.8
AVE:13.572V
Ta=25℃
IZ=5mA
n=30pcs
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
2/2
2011.04 - Rev.C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com