Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2172T Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2172T
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172T Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2172T Datasheet HTML 9Page - Dallas Semiconductor DS2172T Datasheet HTML 10Page - Dallas Semiconductor DS2172T Datasheet HTML 11Page - Dallas Semiconductor DS2172T Datasheet HTML 12Page - Dallas Semiconductor DS2172T Datasheet HTML 13Page - Dallas Semiconductor DS2172T Datasheet HTML 14Page - Dallas Semiconductor DS2172T Datasheet HTML 15Page - Dallas Semiconductor DS2172T Datasheet HTML 16Page - Dallas Semiconductor DS2172T Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS2172
13 of 21
SR: STATUS REGISTER (Address=14 Hex)
(MSB)
(LSB)
-
RA1
RA0
RLOS
BED
BCOF
BECOF
SYNC
SYMBOL
POSITION
NAME AND DESCRIPTION
-SR.7
Not Assigned. Could be any value when read.
RA1
SR.6
Receive All Ones. Set when 32 consecutive 1s are received;
allowed to be cleared when a 0 is received.
RA0
SR.5
Receive All Zeros. Set when 32 consecutive 0s are received;
allowed to be cleared when a 1 is received.
RLOS
SR.4
Receive Loss Of Sync. Set when the device is searching for
synchronization. Once sync is achieved, will remain set until
read.
BED
SR.3
Bit Error Detection. Set when bit errors are detected.
BCOF
SR.2
Bit Counter Overflow. Set when the 32-bit BCR overflows.
BECOF
SR.1
Bit Error Count Overflow. Set when the 32-bit BECR
overflows.
SYNC
SR.0
Sync. Real time status of the synchronizer (this bit is not
latched). Will be set when synchronization is declared. Will be
cleared when 6 or more bits out of 64 are received in error (if
PCR.2 = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com