Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2181A Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2181A
Description  CEPT Primary Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2181A Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2181A Datasheet HTML 9Page - Dallas Semiconductor DS2181A Datasheet HTML 10Page - Dallas Semiconductor DS2181A Datasheet HTML 11Page - Dallas Semiconductor DS2181A Datasheet HTML 12Page - Dallas Semiconductor DS2181A Datasheet HTML 13Page - Dallas Semiconductor DS2181A Datasheet HTML 14Page - Dallas Semiconductor DS2181A Datasheet HTML 15Page - Dallas Semiconductor DS2181A Datasheet HTML 16Page - Dallas Semiconductor DS2181A Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DS2181A
13 of 32
TSD INPUT TIMING Figure 7
CAS OUTPUT FORMAT IN TIMESLOT 16 Figure 8
FRAME 0
1
FRAME 1
FRAME 15
0000XYXX
ABCD for
Timeslot 1
ABCD for
timeslot 17
ABCD for
Timeslot 15
ABCD for
Timeslot 31
NOTE:
1. Timeslot 16 of frame 0 is reserved for the multiframe alignment word (0000), distant multiframe
alarm (Y) and extra bits (X-XX).
TINR: TRANSMIT INTERNATIONAL AND NATIONAL REGISTER Figure 9
(MSB)
(LSB)
INB
-
TRA
NB4
NB5
NB6
NB7
NB8
SYMBOL
POSITION
NAME AND DESCRIPTION
INB
TINR.7
International Bit. Inserted into the outgoing data stream when
TCR.4 = 1.
-
TINR.6
Reserved; must be 0 for proper operation.
TRA
TINR.5
Transmit Remote Alarm
0 = Normal operation; bit 3 of timeslot 0 in non-alignment frame
clear.
1 = Alarm condition; bit 3 of timeslot 0 in non-align frames set.
NB4
TINR.4
Transmit National Bits. Inserted into the outgoing data stream at
TPOS and TNEG when TCR.3 = 1.
NB5
TINR.3
NB6
TINR.2
NB7
TINR.1
NB8
TINR.0
TRANSMIT INTERNATIONAL AND NATIONAL DATA
Bit 1 of timeslot 0 in all frames is known as the international bit. When TCR.4 = 1, the transmitted
international bit is sourced from TINR.7. When TCR.4 = 0, the transmitted international bit is sampled at
TIND during the first bit period of each frame. The international bit positions in all outgoing frames
except 13 and 15 are replaced by CRC4 code words and the CRC4 multiframe alignment signal when
CCR.3 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com