Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2182A Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2182A
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182A Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2182A Datasheet HTML 17Page - Dallas Semiconductor DS2182A Datasheet HTML 18Page - Dallas Semiconductor DS2182A Datasheet HTML 19Page - Dallas Semiconductor DS2182A Datasheet HTML 20Page - Dallas Semiconductor DS2182A Datasheet HTML 21Page - Dallas Semiconductor DS2182A Datasheet HTML 22Page - Dallas Semiconductor DS2182A Datasheet HTML 23Page - Dallas Semiconductor DS2182A Datasheet HTML 24Page - Dallas Semiconductor DS2182A Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DS2182A
21 of 25
AC ELECTRICAL CHARACTERISTICS
1,2 RECEIVE
(0
°C to 70°C; V
DD = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Propagation delay RCLK to
RMSYNC, RFSYNC,
RSISEL, RSIGFR, RLCLK,
RCHCLK
tPRS
75
ns
Propagation delay RCLK to
RSER, RABCD, RLINK
tPRD
75
ns
Transition Time All Outputs
tTTR
20
ns
RCLK Period
tP
648
ns
RCLK Pulse Width
tR, tF
324
ns
RCLK Rise and Fall Times
tCCH
20
ns
RPOS, RNEG Setup to RCLK
Falling
tSRD
50
ns
RPOS, RNEG Hold to RCLK
Falling
tHRD
50
ns
Propagation delay RCLK to
RLOS, RYEL, RBV, RCL,
RFER
tPRA
75
ns
Minimum RST Pulse Width
tRST
1
µs
NOTES:
1. Measured at VIH = 2.0 or VIL = .8 and 10ns maximum rise and fall time.
2. Output load capacitance = 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com