Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2182 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2182
Description  T1 Line Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2182 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2182 Datasheet HTML 1Page - Dallas Semiconductor DS2182 Datasheet HTML 2Page - Dallas Semiconductor DS2182 Datasheet HTML 3Page - Dallas Semiconductor DS2182 Datasheet HTML 4Page - Dallas Semiconductor DS2182 Datasheet HTML 5Page - Dallas Semiconductor DS2182 Datasheet HTML 6Page - Dallas Semiconductor DS2182 Datasheet HTML 7Page - Dallas Semiconductor DS2182 Datasheet HTML 8Page - Dallas Semiconductor DS2182 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DS2182A
3 of 25
PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
6
NC
-
No Connect. No internal connection. This pin can be tied to either
VSS or VDD, or it can be floated.
7
RYEL
O
Receive Yellow Alarm. Transitions high when yellow alarm
detected; goes low when alarm clears.
8
RLINK
O
Receive Link Data. Updated with extracted FDL data one RCLK
before start of odd frames (193E) and held until next update.
Updated with extracted S-bit data one RCLK before start of even
frames (193S) and held until next update.
9
RLCLK
O
Receive Link Clock. 4 kHz demand clock for RLINK.
10
RCLK
I
Receive Clock. 1.544 MHz primary clock.
11
RCHCLK
O
Receive Channel Clock. 192 kHz clock; identifies time slot
(channel) boundaries.
12
RSER
O
Receive Serial Data. Received NRZ serial data; updated on rising
edges of RCLK.
13
NC
-
No Connect. No internal connection. This pin can be tied to either
VSS or VDD, or it can be floated.
15
RFSYNC
O
Receive Frame Sync. Extracted 8 kHz clock, one RCLK wide; F-
bit position in each frame.
16
RMSYNC
O
Receive Multiframe Sync. Extracted multiframe sync; positive-
going edge indicates start of multiframe; 50% duty cycle.
17
RABCD
O
Receive ABCD Signaling. Extracted signaling data output; valid
for each channel in signaling frames. In non-signaling frames,
RABCD outputs the LSB of each channel word.
18
ESIGFR
O
Receive Signaling Frame. High during signaling frames; low
during non-signaling frames (and during resync).
19
RSIGSEL
O
Receive Signaling Select. In 193E framing, a .667 kHz clock that
identifies signaling frames A and C; a 1.33 kHz clock in 193S.
21
RST
I
Reset. A high-low transition clears all internal registers and resets
counters. A high-low-high transition initiates a resync.
22
23
RPOS
RNEG
I
Receive Bipolar Data Inputs. Sampled on falling of RCLK. Tie
together to receive NRZ data and disable bipolar violation
monitoring circuitry.
24
RCL
O
Receive Carrier Loss. High if 192 consecutive 0s appear at RPOS
and RNEG; goes low upon seeing 12.5% one’s density.
25
RBV
O
Receive Bipolar Violation. High during accused bit time at RSER.
If bipolar violation detected, low otherwise.
26
RFER
O
Receive Frame Error. High during F-bit time when FT or FS
errors occur (193S), or when FPS or CRC errors occur (193E). Low
during resync.
27
RLOS
O
Receive Loss of Sync. Indicates sync status; high when internal
resync is in progress, low otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com