Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS05002 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS05002
Description  50MHz SAW Filter 1.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS05002 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS05002 Datasheet HTML 1Page - SIPAT Co,Ltd LBS05002 Datasheet HTML 2Page - SIPAT Co,Ltd LBS05002 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS05002
Rev. Date
2011-12-06
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
50MHz SAW Filter
1.2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number:LBS05002
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
49.9
50
50.1
Insertion Loss
dB
-
22.4
26
3dB Bandwidth
MHz
1.2
1.25
-
30 dB Bandwidth
MHz
1.89
2
40 dB Bandwidth
MHz
-
1.98
2.05
45dB Bandwidth
MHz
2.03
2.2
Passband Variation
dB
-
0.6
1
Absolute Delay
usec
-
3.52
Ultimate Rejection(f0±15MHz)
dB
45
55
-
Material Temperature coefficient
KHz/°C
0.05
Substrate Material
-
ST42QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP3512 (35*12.6*5.2mm3)
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS05002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS05002 SIPAT-LBS05002 Datasheet
145Kb / 3P
50MHz SAW Filter 1.2MHz Bandwidth
More results

Similar Description - LBS05002

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP75001 SIPAT-SP75001 Datasheet
156Kb / 4P
750MHz Low-loss SAW Filter 50MHz Bandwidth
LBS05002 SIPAT-LBS05002 Datasheet
145Kb / 3P
50MHz SAW Filter 1.2MHz Bandwidth
LBS20502 SIPAT-LBS20502 Datasheet
319Kb / 3P
204.8MHz SAW Filter 1.2MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0281A TAI-SAW-TB0281A Datasheet
614Kb / 5P
SAW IF Filter 50MHz
TB0282A TAI-SAW-TB0282A Datasheet
679Kb / 5P
SAW IF Filter 50MHz
TB1004A TAI-SAW-TB1004A Datasheet
423Kb / 8P
SAW Filter 150 MHz(BW=50MHz) 5.0x5.0mm
logo
SIPAT Co,Ltd
LBS16203 SIPAT-LBS16203 Datasheet
252Kb / 3P
161.6MHz SAW Filter 1.2MHz Bandwidth
LBS20502 SIPAT-LBS20502 Datasheet
319Kb / 3P
204.8MHz SAW Filter 1.2MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1654A TAI-SAW-TA1654A Datasheet
222Kb / 7P
SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
TA1962B TAI-SAW-TA1962B Datasheet
444Kb / 9P
SAW Filter 2595MHz 50MHz BW SMD1.4x1.1mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com