Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSWT02A Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSWT02A
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSWT02A Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSWT02A Datasheet HTML 1Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 2Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 3Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 4Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 5Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 6Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 7Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 8Page - NICHIA CORPORATION NSSWT02A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-2921F <Cat.No.140408>
2
RANKS
Item
Rank
Min
Max
Unit
V
3.0
3.2
Forward Voltage
Q
2.8
3.0
V
Reverse Current
-
-
50
µA
P10
25.5
30.3
P9
21.4
25.5
Luminous Flux
P8
18.0
21.4
lm
Ra
80
-
-
R8000
R9
0
-
-
Color Rendering Index
R80
Ra
80
-
-
Color Ranks(3-step)
Rank sm503d
Rank sm573d
Rank sm653d
x
0.354
0.337
0.322
Center Point
y
0.371
0.359
0.346
Color Ranks(5-step)
Rank sm505d
Rank sm575d
Rank sm655d
x
0.354
0.337
0.322
Center Point
y
0.371
0.359
0.346
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Color Rendering Index Ra Tolerance: ±2
* Color Rendering Index R9 Tolerance: ±6.5
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank(sm503d,sm573d,sm653d) has a chromaticity range within a 3-step MacAdam ellipse.
* The color rank(sm505d,sm575d,sm655d) has a chromaticity range within a 5-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank, Color Rendering Index Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates,
Color Rendering Index
P8
P9
P10
sm503d,sm573d,sm653d
R8000
sm505d,sm575d,sm655d
R80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com