Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS232AS Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS232AS
Description  Dual RS-232 Transmitter/Receiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS232AS Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS232AS Datasheet HTML 1Page - Dallas Semiconductor DS232AS Datasheet HTML 2Page - Dallas Semiconductor DS232AS Datasheet HTML 3Page - Dallas Semiconductor DS232AS Datasheet HTML 4Page - Dallas Semiconductor DS232AS Datasheet HTML 5Page - Dallas Semiconductor DS232AS Datasheet HTML 6Page - Dallas Semiconductor DS232AS Datasheet HTML 7Page - Dallas Semiconductor DS232AS Datasheet HTML 8Page - Dallas Semiconductor DS232AS Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS232A
2 of 10
FUNCTIONAL DIAGRAM OF DS232A Figure 1
NOTE: C5 is a recommended decoupling capacitor which is the same value as C1, C2, C3, and C4.
( ) Are for TSSOP package only.
PIN DESCRIPTIONS
VCC, GND: DC power is provided to the device on these pins. VCC is the +5-volt input.
V+: Positive supply output (RS-232). V+ requires an external storage charge capacitor of at least 0.1
µF.
A larger capacitor (up to 10
µF) can be used to reduce supply ripple.
V-: Negative supply output (RS-232). V- requires an external storage capacitor of at least 0.1
µF. A
larger capacitor (up to 10
µF) can be used to reduce supply ripple.
T1IN, T2 IN: Standard TTL/CMOS inputs for the RS-232 drivers. The inputs of unused drivers can be left
unconnected since each input has a 400 k
Ω pullup resistor.
T1OUT, T2 OUT: Driver outputs at RS-232 levels. Driver output swing meets RS-232 levels for loads up to
3 k
Ω. These driver outputs provide current necessary to meet RS-232 levels for loads up to 2500 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com