Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1167AS Datasheet(PDF) 7 Page - International Rectifier

Part # IR1167AS
Description  SMARTRECTIFIERTM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167AS Datasheet(HTML) 7 Page - International Rectifier

Back Button IR1167AS Datasheet HTML 3Page - International Rectifier IR1167AS Datasheet HTML 4Page - International Rectifier IR1167AS Datasheet HTML 5Page - International Rectifier IR1167AS Datasheet HTML 6Page - International Rectifier IR1167AS Datasheet HTML 7Page - International Rectifier IR1167AS Datasheet HTML 8Page - International Rectifier IR1167AS Datasheet HTML 9Page - International Rectifier IR1167AS Datasheet HTML 10Page - International Rectifier IR1167AS Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IR1167(A,B)S
7
www.irf.com
© 2013 International Rectifier
Nov 6, 2013
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from – 25° C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =15V is assumed for test condition.
Minimum On Time Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Minimum on time
TONmin
190
240
290
ns
RMOT =5kVCC=12V
2.4
3
3.6
µs
RMOT =75kVCC=12V
Gate Driver Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Gate Low Voltage
VGLO
0.3
0.5
V
IGATE = 200mA
Gate High Voltage
IR1167A
VGTH
9
10.7
12.5
VCC=12V-18V (internally clamped)
IR1167B
12
14.5
16.5
VCC=12V-18V (internally clamped)
Rise Time
tr1
18
ns
CLOAD = 1nF, VCC=12V
tr2
125
CLOAD = 10nF, VCC=12V
Fall Time
tf1
10
CLOAD = 1nF, VCC=12V
tf2
30
CLOAD = 10nF, VCC=12V
Turn on Propagation Delay
tDon
60
80
VDS to VGATE -100mV overdrive
Turn off Propagation Delay
tDoff
40
65
VDS to VGATE -100mV overdrive
Pull up Resistance
rup
4
Ω
IGATE = 1A - GBD
Pull down Resistance
rdown
0.7
IGATE = -200mA
Output Peak Current (source)
IO source
2
A
CLOAD = 10nF - GBD
Output Peak Current (sink)
IO sink
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com