Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS06607 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS06607
Description  66.1MHz SAW Filter 2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS06607 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS06607 Datasheet HTML 1Page - SIPAT Co,Ltd LBS06607 Datasheet HTML 2Page - SIPAT Co,Ltd LBS06607 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS06607
Rev. Date
2008-06-30
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
66.1MHz SAW Filter
2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS06607
Typical Performance
Frequency Respond
Passband Respond
62
63
64
65
66
67
68
69
70
71
-110.3029
-100.3029
-90.3029
-80.3029
-70.3029
-60.3029
-50.3029
-40.3029
-30.3029
-20.3029
-10.3029
Type Performance
Frequency(MHz)
64.5
65
65.5
66
66.5
67
67.5
68
-22.8029
-22.3029
-21.8029
-21.3029
-20.8029
-20.3029
-19.8029
-19.3029
-18.8029
Type Performance
Frequency(MHz)
Horizontal: 1MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
64.5
65
65.5
66
66.5
67
67.5
68
2600
2800
3000
3200
3400
3600
3800
X: 66.1
Y: 3366
Type Performance
Frequency(MHz)
X: 67.1
Y: 3329
X: 65.1
Y: 3255
64.5
65
65.5
66
66.5
67
67.5
68
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
X: 66.1
Y: -0.5095
Type Performance
Frequency(MHz)
X: 67.1
Y: 0.3516
X: 65.1
Y: -1.143
Horizontal: 0.5MHz/Div
Vertical: 200ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com