Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS08036 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS08036
Description  80MHz SAW Filter 0.1MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS08036 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS08036 Datasheet HTML 1Page - SIPAT Co,Ltd LBS08036 Datasheet HTML 2Page - SIPAT Co,Ltd LBS08036 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS08036
Rev. Date
2009-04-03
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
80MHz SAW Filter
0.1MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS08036
Typical Performance
Frequency Respond
Passband Respond
77.5
78
78.5
79
79.5
80
80.5
81
81.5
82
82.5
-96.1483
-86.1483
-76.1483
-66.1483
-56.1483
-46.1483
-36.1483
-26.1483
-16.1483
-6.1483
3.8517
Type Performance
Frequency(MHz)
79.7
79.8
79.9
80
80.1
80.2
80.3
80.4
-8.6483
-8.1483
-7.6483
-7.1483
-6.6483
-6.1483
-5.6483
-5.1483
-4.6483
Type Performance
Frequency(MHz)
Horizontal: 0.5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.05MHz)
Phase Linearity(f0±0.05MHz)
79.85
79.9
79.95
80
80.05
80.1
80.15
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
X: 80
Y: 4014
Type Performance
Frequency(MHz)
X: 80.05
Y: 4209
X: 79.95
Y: 3902
79.85
79.9
79.95
80
80.05
80.1
80.15
-20
-15
-10
-5
0
5
10
15
X: 79.95
Y: -0.7336
Type Performance
Frequency(MHz)
X: 80
Y: 1.676
X: 80.05
Y: -0.3765
Horizontal: 0.05MHz/Div
Vertical: 500ns/Div
Horizontal: 0.05MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com