Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ/DIP Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS32KHZ/DIP
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ/DIP Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS32KHZ/DIP Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ/DIP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS32kHz
5 of 10
PIN DESCRIPTIONS
PIN
BGA
DIP
NAME
FUNCTION
A4, A5, B4, B5
5
VBAT
+3V Batttery Supply
A7, A8, B7, B8,
C7, C8, D7, D8
10, 11
TPIN
Test Pin (must be grounded)
C2, C3, D2, D3
13
VCC
Primary Power Supply
C4, C5, D4, D5
12
32KHZ OUT
32.768kHz Output
—
1, 6–9, 14
N.C.
No Connection
All remaining balls
4
GND
Ground
Figure 1. Delta Time and Frequency vs. Temperature
FUNCTIONAL DESCRIPTION
The DS32kHz requires four pins for operation: VCC, GND, VBAT, and 32KHZ OUT. (See Figure 3 for connection
schemes.) Power is applied through VCC and GND, while VBAT is used to maintain the 32kHz output in the absence
of power. The output is accurate to ±7.5ppm (±4 min/yr) from –40°C to +85°C and ±2ppm (±1 min/yr) from 0°C to
+40°C.
The
DS32kHz is
packaged
in
a
small
36-pin
SMD
using
ball
grid
array (BGA)
technology
with dimensions 0.400" wide, 0.450" long, and 0.124" high. It also is available in a 14-pin DIP module.
The additional board space required is negligible in most applications and, therefore, the recommended land
pattern layout should be implemented on all new designs and future board revisions to satisfy applications requiring
better timekeeping accuracy.
0.00
-10.00
-20.00
-30.00
-40.00
-50.00
-60.00
-70.00
-80.00
-90.00
-100.00
TYPICAL CRYSTAL
UNCOMPENSATED
DS32kHz
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com