Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4973SLBTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4973SLBTR-T
Description  Full-Bridge PWM Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4973SLBTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4973SLBTR-T Datasheet HTML 1Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 2Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 3Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 4Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 5Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 6Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 7Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 8Page - Allegro MicroSystems A4973SLBTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Full-Bridge PWM Motor Driver
A4973
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
50
V
Logic Supply Voltage
VCC
6V
Logic/Reference Input Voltage Range
VIN
–0.3 to 6
V
Sense Voltage
VSENSE
0.5
V
Output Current, Continuous
IOUT
Output current rating may be limited by duty cycle, ambient
temperature, and heat sinking. Under any set of conditions, do
not exceed the specified current rating or a junction tempera-
ture of 150°C.
±1.5
A
Transient Output Current
IOUT
tW < 2 μs6
A
Package Power Dissipation
PD
See graph
W
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Maximum Junction Temperature
TJ(max)
Fault conditions that produce excessive junction temperature
will activate the device’s thermal shutdown circuitry. These
conditions can be tolerated but should be avoided.
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Selection Guide
Part Number
Package
Packing
A4973SB-T
16-pin DIP with exposed thermal tabs
25 pieces per tube
A4973SLBTR-T
16-pin SOICW with internally-fused pins
1000 pieces per reel
When a logic low is applied to the BRAKE input, the braking
function is enabled. This overrides ENABLE and PHASE to turn
off both source drivers and turn on both sink drivers. The brake
function can be used to dynamically brake brush DC motors.
The A4973 is supplied in a choice of two power packages; a
16-pin dual-in-line plastic package with copper heat-sink tabs,
and a 16-pin plastic SOIC with copper heat-sink tabs. For both
package styles, the power tab is at ground potential and needs no
electrical isolation. Each package type is available in a lead (Pb)
free version (100% matte tin plated leadframe).
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance, Junction
to Ambient
RθJA
B Package, single-layer PCB, 1 in.2 2-oz. exposed copper
43
ºC/W
LB Package, 2-layer PCB, 0.3 in.2 2-oz. exposed copper each
side
67
ºC/W
Package Thermal Resistance, Junction
to Tab
RθJT
6
ºC/W
*Additional thermal information available on Allegro website.
MODE
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
LOAD
SUPPLY
Dwg. PP-056
BRAKE
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
VBB
LOGIC
ENABLE
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
50
75
100
125
150
1
0
TEMPERATURE IN °C
4
3
2
25
R
= 6.0°C/W
θJT
SUFFIX 'B', R
= 43°C/W
θJA
SUFFIX 'LB', R
= 67°C/W
θJA
Note the A4973SB (DIP) and
the A4973SLB (SOIC) are
electrically identical and share
a common terminal number
assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com