Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0924LD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFB0924LD
Description  92 x 92 x 20 MM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFB0924LD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFB0924LD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92 x 92 x 20 MM SERIES
AFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearing
Material
Impeller & Frame : Plastic (UL 94V-0)
Lead Wires :
UL 1061 AWG #24 Or Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 92g (3.24 oz)
s
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Speed
Maximum
Air Pressure
Noise
UNIT:
(INCH)
mm
(M /MIN)
3
0.4
0.8
1.6
1.2
2.4
Air Flow
0
16.0
(CFM)
3.0
0
1.0
2.0
4.0
5.0
6.0
0.0
0.24
0.20
0.16
0.06
0.04
0.02
0
AFB0912/24XD
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
New
2.0
32.0
48.0
64.0
80.0
PART NO.
3
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m /min
CFM
mmH O
IN H O
dB-A
22
AFB0912LD
-R00 / -F00
12
7.0 to 13.8
0.08
0.96
2100
1.161
41.00
2.13
0.084
28.5
AFB0924LD
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0912MD
-R00 / -F00
12
7.0 to 13.8
0.10
1.20
2400
1.335
47.14
2.74
0.108
32.0
AFB0924MD
-R00 / -F00
24
14.0 to 27.6
0.08
1.92
AFB0912HD
-R00 / -F00
12
7.0 to 13.8
0.16
1.92
2700
1.546
54.60
3.51
0.138
35.0
AFB0924HD
-R00 / -F00
24
14.0 to 27.6
0.10
2.40
AFB0912HHD -R00 / -F00
12
7.0 to 13.8
0.24
2.88
3000
1.686
59.54
4.22
0.166
38.0
AFB0924HHD -R00 / -F00
24
14.0 to 27.6
0.13
3.12
AFB0912VHD -R00 / -F00
12
7.0 to 13.8
0.28
3.36
3300
1.872
66.11
5.03
0.198
40.5
AFB0924VHD -R00 / -F00
24
14.0 to 27.6
0.16
3.84


Similar Part No. - AFB0924LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0924L ETC2-AFB0924L Datasheet
466Kb / 2P
92 x 92 x 25.4 MM SERIES
logo
Delta Electronics, Inc.
AFB0924L DELTA-AFB0924L Datasheet
615Kb / 2P
Bearing Type Ball Bearings
More results

Similar Description - AFB0924LD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
SCHOTTKY DIE 70 X 92 MILS
logo
List of Unclassifed Man...
AFB0924VH ETC2-AFB0924VH Datasheet
466Kb / 2P
92 x 92 x 25.4 MM SERIES
PFB0924DHE ETC2-PFB0924DHE Datasheet
471Kb / 1P
92 x 92 x 38 MM SERIES
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
3250J ETC2-3250J Datasheet
295Kb / 1P
DC axial fans Series 3250 J 92 x 92 x 38 mm
3300N ETC2-3300N Datasheet
466Kb / 1P
DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
ORION FANS
OA92 ORIONFANS-OA92_16 Datasheet
385Kb / 1P
AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA938 ORIONFANS-OA938_16 Datasheet
431Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA938-METAL ORIONFANS-OA938-METAL Datasheet
289Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
logo
NTE Electronics
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
Fan, AC Types, 92 x 92mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com