Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK669-30-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK669-30-R
Description  USB Extention Cable Version 1.1 USB A Male to USB A Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK669-30-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK669-30-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Test:
1. 100% short, open, miswire test
2. Contractor Resistance: 2 Max.
3. Insulation Resistance: 5 Min.
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
08.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK669-18-R (1.8 Meters)
AK669-30-R (3.0 Meters)
AK669-50-R (5.0 Meters)
USB Extention Cable Version 1.1,
USB A Male to USB A Female
Complaint
RoHS
rev00


Similar Part No. - AK669-30-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK669-30-BLACK-R ASSMANN-AK669-30-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1,
More results

Similar Description - AK669-30-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK669-18 ASSMANN-AK669-18 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-18-BLACK ASSMANN-AK669-18-BLACK Datasheet
196Kb / 1P
USB Extention Cable Version 1.1,
AK669-30 ASSMANN-AK669-30 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-30-BLACK-R ASSMANN-AK669-30-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1,
AK669-50-BLACK-R ASSMANN-AK669-50-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1
AK670-1 ASSMANN-AK670-1 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-2 ASSMANN-AK670-2 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-3 ASSMANN-AK670-3 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
AK670-5 ASSMANN-AK670-5 Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com