Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK678-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK678-2-R
Description  PS/2 Connection Cable - 2 Meters, Beige
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK678-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK678-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK678-2-R
PS/2 Connection Cable - 2 Meters, Beige
Min DIN 6 Pin Male <=> Min DIN 6 Pin Male
Material:
• Cable: NOUL 28AWG*6C+D+AL/MY
- ø5.0MM
- Jacket Beige
• Connectors: Mini DIN 6 Pin Male
- Solder Type
- Insulator color: Black
- Pin Tin-Plated
• Outter Jacket: PVC 40P (color Beige)
• Inner Jacket: Clear LD-PE
Electrical:
• 100% short, open, miswire test
• Conduct Resistance: 2
Max.
• Insulation Resistance: 10M
Min.
• Dielectric Test: 300V DC
2,000MM±50MM
P1
P2
130MM
110MM
SEAL
PIN ASSIGNMENT
P1
1
2
3
4
5
6
SHELL
P2
1
2
3
4
5
6
SHELL
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
D
1
3
5
2
4 6
1
3
5
2
4
6


Similar Part No. - AK678-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
More results

Similar Description - AK678-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK322-2-R ASSMANN-AK322-2-R Datasheet
86Kb / 1P
VGA Moniter Extension Cable - 2 Meters
AK323-2-R ASSMANN-AK323-2-R Datasheet
251Kb / 1P
PS/2 EXTENSION CABLE, SPIRAL
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
PS/2 Extension Cable, Straight, 5 Meters
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK679-5-R ASSMANN-AK679-5-R Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK-PS2-R ASSMANN-AK-PS2-R Datasheet
234Kb / 1P
PS/2 Internal Cable
AK243-10M-R ASSMANN-AK243-10M-R Datasheet
81Kb / 1P
Stereo Connection Cable - 10 Meters
AK243-025-R ASSMANN-AK243-025-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2.5 Meters
AK243-050-R ASSMANN-AK243-050-R Datasheet
81Kb / 1P
Stereo Connection Cable - 5 Meters
AK243-R ASSMANN-AK243-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com