Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS87C520 Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Micro
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 31Page - Dallas Semiconductor DS87C520 Datasheet HTML 32Page - Dallas Semiconductor DS87C520 Datasheet HTML 33Page - Dallas Semiconductor DS87C520 Datasheet HTML 34Page - Dallas Semiconductor DS87C520 Datasheet HTML 35Page - Dallas Semiconductor DS87C520 Datasheet HTML 36Page - Dallas Semiconductor DS87C520 Datasheet HTML 37Page - Dallas Semiconductor DS87C520 Datasheet HTML 38Page - Dallas Semiconductor DS87C520 Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
35 of 45
EXPLANATION OF AC SYMBOLS
In an effort to remain compatible with the original 8051 family, the DS87C520 and DS83C520 specify
the same parameters as such devices, using the same symbols. For completeness, the following is an
explanation of the symbols.
t
Time
A
Address
C
Clock
D
Input data
H
Logic level high
L
Logic level low
I
Instruction
P
PSEN
Q
Output data
R
RD signal
V
Valid
W
WR signal
X
No longer a valid logic
level
Z
Tri-State
POWER-CYCLE TIMING CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Startup Time
tCSU
1.8
ms
1
Power-On Reset Delay
tPOR
65,536
tCLCL
2
Note 1:
Startup time for crystals varies with load capacitance and manufacturer. Time shown is for an 11.0592MHz crystal
manufactured by Fox.
Note 2:
Reset delay is a synchronous counter of crystal oscillations after crystal startup. Counting begins when the level
on the XTAL1 pin meets the VIH2 criteria. At 33MHz, this time is 1.99ms.
EPROM PROGRAMMING AND VERIFICATION
(VCC = 4.5V to 5.5V, TA = +21
°C to +27°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Programming Voltage
VPP
12.5
13.0
V
1
Programming Supply Current
IPP
50
mA
Oscillator Frequency
1/tCLCL
4
6
MHz
Address Setup to PROG Low
tAVGL
48tCLCL
Address Hold after PROG
tGHAX
48 tCLCL
Data Setup to PROG Low
tDVGL
48 tCLCL
Data Hold after PROG
tGHDX
48 tCLCL
Enable High to VPP
tEHSH
48 tCLCL
VPP Setup to PROG Low
tSHGL
10
µs
VPP Hold after PROG
tSHGL
10
µs
PROG
Width
tGLGH
90
110
µs
Address to Data Valid
tAVQV
48 tCLCL
Enable Low to Data Valid
tELQV
48 tCLCL
Data Float after Enable
tEHQZ
0
48 tCLCL
PROG
High to PROG Low
tGHGL
10
µs
Note 1:
All voltages are referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com