Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC4USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OC4USB
Description  Optical Cable for USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OC4USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OC4USB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
OC4USB
Optical Cable for USB
Instruction Sheet
Specifications
Type of interface:
Optically isolated serial to USB adapter
Baudrate: 57.6 k Baud max
Logic States:
SPACE = 0, Light with wavelength 800 nm
MARK
=1, No light
Handshake method:
XON/XOFF, Software handshake only
Environmental
Meets requirements of MIL-T-28800D Type III, Class 3.
Temperature
Operating: -20 °C to +55 °C
Storage:
-20 °C to +70 °C
Mechanical
Cable length:
1.65 m
Weight:
0.1 kg
Sep 2004
© 2004 Fluke Corporation. All rights reserved.
Printed in The Netherlands. All product names are trademarks of their
respective companies
Using the Interface Cable
PC Requirements
- USB 1.1 (or higher) port on the PC.
- Windows XP/2000/Me/98 Second Edition.
Installing the USB-IR cable drivers
- Log into an account with Administrator privileges (Windows
XP or Windows 2000).
- Plug the USB cable into an USB port.
- Windows will respond that it has "found new hardware", and
the Windows Hardware Wizard dialog will appear.
- Insert the CD-ROM with the USB drivers (Included with
cable or on FlukeView CD-ROM).
- Click the "Next>" button on the Hardware Wizard dialog
- The Hardware Wizard will find the drivers on the CD-ROM
("Prolific USB-to-serial bridge" on Windows XP/2000, or
"USB to Serial Port" on Windows 98SE/Me).
Note: for Windows XP users, you may get a dialog box
warning you that this driver "has not passed Windows Logo
Testing". Just click the "Continue anyway" button.
- The Hardware Wizard will finish, the USB-IR cable drivers
have now been installed.
- Your PC may need to reboot before the USB-IR cable can
be used.
Note on Windows XP/2000: if you attach the USB-IR cable to
a different USB port on your PC, you will have to repeat the
installation of the drivers.
Determining the USB-IR Cable's COM port
- Attach the cable to the PC.
- Go to the Windows Control Panel.
- Open the "System Properties" dialog box.
- Open the Device Manager:
On Windows 2000/XP, click on the "Hardware" tab of the
"System Properties" dialog box and click on the "Device
Manager" button,
On Windows 98SE/Me, click the "Device Manager" tab.
- On the "Device Manager" dialog box, look under the "Ports
(COM & LPT)" tree.
- The COM port associated with the USB-IR cable is listed
there, as:
"Prolific USB-to-serial bridge" (Windows 2000/XP),
"USB to Serial Port" (Windows 98 SE/Me).
Changing the COM port #
Some programs require COM 1, 2, 3 or 4 and the USB cable
is often installed as COM 5 or higher. To change the assigned
COM port number, do the following:
- Open Device Manager.
- On the "Device Manager" dialog box, look under the "Ports
(COM & LPT)" tree.
- Click on the "Port Settings" tab. Click on the "Advanced"
button.
- On the bottom left side pull down the bar and select COM 1,
2, 3 or 4 (NOTE: Choose one that dos not say "in use" next
to it). Click "OK".
- Click "OK" again. Notice that the device will show up as
being on the same COM port that it was before (i.e., COM5),
but will show up on the new port if you close the Device
Manager and open it again.
- Close the Device Manager.
Limited Warranty & Limitation of Liability
This Fluke product will be free from defects in material and
workmanship for one year from the date of purchase. This
warranty does not cover fuses, disposable batteries or
damage from accident, neglect, misuse or abnormal
conditions of operation or handling. Resellers are not
authorized to extend any other warranty on Fluke’s behalf. To
obtain service during the warranty period, contact your
nearest Fluke Authorized Service Center to obtain return
authorization information, then send the defective product to
that Service Center with a description of the problem.
THIS WARRANTY IS YOUR ONLY REMEDY. NO OTHER
WARRANTIES, SUCH AS FITNESS FOR A PARTICULAR
PURPOSE, ARE EXPRESSED OR IMPLIED. FLUKE IS NOT
LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL OR
CONSEQUENTIAL DAMAGES OR LOSSES, ARISING
FROM ANY CAUSE OR THEORY.
Since some states or countries do not allow the exclusion or
limitation of an implied warranty or of incidental or
consequential damages, this limitation of liability may not
apply to you.
Fluke Corporation
Fluke Industrial B.V.
P.O. Box 9090
P.O. Box 90
Everett WA 98206-9090
7600 AB Almelo
USA.
The Netherlands
Service Centers
To locate an authorized service center, visit us on the World
Wide Web:
http://www.fluke.com
or call Fluke using any of the phone numbers listed below:
+1-888-993-5853
in USA and Canada
+31-40-2675-200
in Europe
+1-425-446-5500
from other countries


Similar Part No. - OC4USB

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
OC4002 TELEDYNE-OC4002 Datasheet
202Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
TUK Ltd
OC45 TUK-OC45 Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
logo
Teledyne Technologies I...
OC4500 TELEDYNE-OC4500 Datasheet
176Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
TUK Ltd
OC45BK TUK-OC45BK Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
OC45WH TUK-OC45WH Datasheet
153Kb / 2P
FIBERMOD – Angled Fibre Modules
More results

Similar Description - OC4USB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
logo
List of Unclassifed Man...
R9-NBC-NPL1-GP ETC2-R9-NBC-NPL1-GP Datasheet
1Mb / 3P
Cable grooves for easy usb cable management
logo
Pixart Imaging Inc.
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
USB/PS2 Optical Mouse SoC
logo
PHOENIX CONTACT
2903447 PHOENIX-2903447 Datasheet
77Kb / 3P
Cable for programming - RAD-CABLE-USB
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-J1-U-S18-N0 PF-CBL-IDMX61-B-J1-U-S18-N0 Datasheet
338Kb / 1P
USB connection cable for base station
CBL-IDMX61-B-N0-U-S18-N0 PF-CBL-IDMX61-B-N0-U-S18-N0 Datasheet
373Kb / 1P
USB connection cable for base station
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com