Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ECL Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS80C320-ECL
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ECL Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS80C320-ECL Datasheet HTML 17Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 18Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 19Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 20Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 21Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 22Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 23Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 24Page - Dallas Semiconductor DS80C320-ECL Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DS80C320/DS80C323
21 of 42
NOTES FOR DS80C320 DC ELECTRICAL CHARACTERISTICS:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
1. All voltages are referenced to ground.
2. Active current is measured with a 25 MHz clock source driving XTAL1, VCC=RST=5.5V, all other
pins disconnected.
3. Idle mode current is measured with a 25 MHz clock source driving XTAL1, VCC=5.5V, RST at
ground, all other pins disconnected.
4. Stop mode current measured with XTAL1 and RST grounded, VCC=5.5V, all other pins disconnected.
when addressing external memory.
5. When addressing external memory.
6. RST=VCC. This condition mimics operation of pins in I/O mode.
7. During a 0 to 1 transition, a one-shot drives the ports hard for two clock cycles. This measurement
reflects port in transition mode.
8. Ports 1, 2, and 3 source transition current when being pulled down externally. It reaches its maximum
at approximately 2V.
9. 0.45<VIN<VCC. Not a high impedance input. This port is a weak address holding latch because Port 0
is dedicated as an address bus on the DS80C320. Peak current occurs near the input transition point of
the latch, approximately 2V.
10. Over the industrial temperature range, this specification has a maximum value of 200 µA.
11. This is the current required from an external circuit to hold a logic low level on an I/O pin while the
corresponding port latch bit is set to 1. This is only the current required to hold the low level;
transitions from 1 to 0 on an I/O pin will also have to overcome the transition current.
12. Device operating range is 4.5V to 5.5V; however, device is tested to 4.0V to ensure proper operation
at minimum VRST .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com