Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1F2 Datasheet(PDF) 1 Page - Dc Components

Part # 1F2
Description  TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1F2 Datasheet(HTML) 1 Page - Dc Components

  1F2 Datasheet HTML 1Page - Dc Components 1F2 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCAFKGA?I OMCAGDGA?PGLKO LD JGKG?PQNC D?OP NCALRCNU NCAPGDGCN
RLIP?EC N?KEC 1 83 hd 4333 Rdahg
AQNNCKP 1 423 ?be[f[
DC?PQNCO
.DWgh gk_hY^_c]
.Idk a[W`W][
.F_]^ Yiff[ch YWeWX_a_hm
.F_]^ Yiff[c\ gif][
.F_]^ f[a_WX_a_hm
JCAF?KGA?I B?P?
.AWg[= JdaZ[Z eaWgh_Y
.Cedlm= QI <7R13 fWh[ \aWb[ f[hWfZWch
.I[WZ= JGI1OPB1535C0 J[h^dZ 53; ]iWfWch[[Z
.Jdich_c] edg_h_dc= ?cm
.S[_]^h= 324< ]fWb
J?TGJQJ N?PGKEO ?KB CICAPNGA?I AF?N?APCNGOPGAO
NWh_c]g Wh 58 dA WbX_[ch h[be[fWhif[ ica[gg dh^[fk_g[ ge[Y_\_[Z2
O_c]a[ e^Wg[0 ^Wa\ kWj[0 93 Fn0 f[g_gh_j[ df _cZiYh_j[ adWZ2
Ddf YWeWY_h_j[ adWZ0 Z[fWh[ Yiff[ch Xm 53+2
4D4
PFNQ
4D:
N14
KLPCO = 42 N[j[fg[ N[Ydj[fm P[gh AdcZ_h_dcg= GD > 328?0 GN > 423?0 GNN > 3258?
52 J[Wgif[Z Wh 4 JFV WcZ Weea_[Z f[j[fg[ jdahW][ d\ 723 jdahg
B_b[cg_dcg _c _cY^[g WcZ ,b_aa_b[h[fg-
JWl_bib N[Yiff[ch M[W` N[j[fg[ RdahW][
JWl_bib NJO RdahW][
JWl_bib BA @adY`_c] RdahW][
JWl_bib ?j[fW][ DdfkWfZ N[Yh_\_[Z Aiff[ch
Wh P? >58dA
M[W` DdfkWfZ Oif][ Aiff[ch ;26 bg g_c]a[ ^Wa\ g_c[1kWj[
gie[f_bedg[Z dc fWh[Z adWZ ,HCBCA J[h^dZ-
Pme_YWa HicYh_dc AWeWY_hWcY[ ,Kdh[ 5-
Le[fWh_c] WcZ OhdfW][ P[be[fWhif[ NWc][
OUJ@LI
RNNJ
RBA
GL
GDOJ
AH
PH0POPE
RNJO
QKGPO
Rdahg
Rdahg
Rdahg
?beg
423
63
48
198 hd / 483
?beg
eD
3
A
533
Wh NWh[Z BA @adY`_c] RdahW][ P? >58dA
JWl_bib Diaa IdWZ N[j[fg[ Aiff[ch Diaa AmYa[ ?j[fW][0
26:8o,<28bb- a[WZ a[c]h^ Wh P I >88dA
JWl_bib N[j[fg[ N[Ydj[fm P_b[ ,Kdh[ 4-
RD
GN
hff
426
823
833
i?beg
cO[Y
JWl_bib BA N[j[fg[ Aiff[ch
JWl_bib GcghWchWc[dig DdfkWfZ RdahW][ Wh 328? BA
Rdahg
4D4
83
83
68
4D5
433
433
:3
4D6
533
473
4D7
733
5;3
733
4D8
933
753
933
4D9
;33
;33
893
4D:
4333
4333
:33
583
483
NCAPGDGCN OMCAG?IGOPO
N
DC COMPONENTS CO., LTD.
833
~}
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1F2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F2 PANJIT-1F2 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F2 RECTRON-1F2 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Formosa MS
1F2 FORMOSA-1F2 Datasheet
33Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1F2 GOOD-ARK-1F2 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Leshan Radio Company
1F2 LRC-1F2 Datasheet
51Kb / 2P
1A FAST RECOVERY DIODES
More results

Similar Description - 1F2

ManufacturerPart #DatasheetDescription
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
BY396 DCCOM-BY396 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR101 DCCOM-FR101 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR151 DCCOM-FR151 Datasheet
442Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR601 DCCOM-FR601 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com