Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-BWZ Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # RAM-BWZ
Description  SURGE PROTECTIVE DEVICES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RAM-BWZ Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  RAM-BWZ Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114
TÜV
:IEC60384-14
Safety Standard
File No.
J9650111
Features
● Designed for use in power circuit applications
which require European mark.
● Designed to protect against common mode noise
transient surge.
● Circuit
R·A·M-BWZ
R·A·M-BXZ
R·A·M-BUZ-N
● Dimensions
R·A·M-BWZ
Unit: mm
R·A·M-BXZ(BUZ-N)
R·A·M-242BWZ
R·A·M-302BWZ
R·A·M-362BWZ
R·A·M-362BXZ
R·A·M-302BUZ-N
Electrical Specifications
Rated
Voltage
50/60Hz
(VAC)
125
-
250
-
250
-
250
-
250
-
1-2
1,2-
1-2
1,2-
1-2
1,2-
1-2-3-1
1,2,3
1-2-3-1
1,2,3-
Varistor
Voltage
(V) ±10%
540
-
940
-
940
-
940
-
470
-
Max.
Line
Voltage
(VAC)
140
-
300
-
300
-
300
-
300
-
-
2,400
-
3,000
-
3,600
-
3,600
-
3,000
DC Operating
Voltage
Ez +30, -20%
(V)
Impulse
Discharge
Current
8/20μs (A)
Insulation
Resistance
IR
DC500V
-20 ~ +70
Operating
Temp.
Range
(°C)
Weight
(g)
Withstand
Voltage Test
(VAC)
-
-
AC1,500V 60s
-
-
-
AC1,500V 60s
Safety
Standard
Model Number
2,000
-
109Ω
-
109Ω
-
109Ω
-
109Ω
-
109Ω
AC1,000V 60s
AC1,250V 3s
AC1,500V 60s
AC1,800V 3s
AC1,500V 60s
AC1,800V 3s
40
50
R·A·M-BWZ, BXZ, BUZ-N SERIES
SURGE PROTECTIVE DEVICES
φ4.2±0.2
Resin
UL94V-2
Lead
UL1015 AWG#16
Case
UL94V-0
40±1
12
φ4.2±0.2
Resin
UL94V-2
Lead
UL1015 AWG#16
Case
UL94V-0
40±1
(41±1)
123


Similar Part No. - RAM-BWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-1A-12 SUNHOLD-RAM-1A-12 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM-BWZ

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com