Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R36601BPL Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # R36601BPL
Description  SURGE PROTECTIVE DEVICES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

R36601BPL Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  R36601BPL Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
131
● Dimensions
Unit: mm
4.4±0.4
φ 0.8±0.1
12.4 max.
7.4±0.3
4.4±0.4
R36-900-BPL
R36-231-BPL
R36-251-BPL
R36-351-BPL
R36-421-BPL
R36-601-BPL
90
230
250
350
420
600
450
600
750
900
1,300
Model Number
DC Sparkover
Voltage
100V/s ~ 2,000V/s
(V) ±20%
Safety
Standard
Impulse
Sparkover
Voltage
100V/μs (V)
Impulse
Discharge
Current
8/20μs (A)
5,000
Alternating
Discharge Current
50Hz, 1s
10 times (A)
5
Impulse
Life Test
10/1,000μs
50A (times)
300
104
1.0
Capacitance
max. (pF)
Insulation
Resistance
min. (MΩ)
Electrical Specifications
(Conforms to ITU-T)
UL
:UL497B
E139599
Safety Standard
File No.
Features
Applications
● Quick response for surge.
● High impulse current capacity.
● It can withstand alternating current.
● Excellent insulation resistance and small
capacitance.
● Recommendation of ITU-T conformity.
● Telephone, PBX, Wireless base station, Optical
transmission equipments, CATV transmission
equipments, Fire alarm systems and Home
security systems. RoHS restriction complied.
R36 SERIES
SURGE PROTECTIVE DEVICES
Length
Type of wire
● Model numbering system
R3 6
5
31
P
BL
Series Name
DC sparkover
Voltage
Type of taping
351 35X10¹=350V
G
P
5.1mm
7.4mm
B Bulk
L
None
With lead
With out lead
R26
R36
2 electrode arrester
3 electrode arrester


Similar Part No. - R36601BPL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R3660 MICROSEMI-R3660 Datasheet
115Kb / 3P
Silicon Power Rectifier
More results

Similar Description - R36601BPL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com