Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAV221LD Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # RAV221LD
Description  SURGE PROTECTIVE DEVICES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RAV221LD Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  RAV221LD Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L1
L2 or
or
L2
R·A·V-221LD
R·A·V-361LD
R·A·V-401LD
R·A·V-621LD
102
R·A·V-LD (for protecting network line)
RAV-LD series are designed as surge absorbers
for protection of telecommunication lines from
indirect lightning surges. They demonstrate
extremely fast response time and positive surge
absorption operation compared to gas arresters.
They contain two of RAV in one package with 3
leads.
Electrical Specifications
● Circuit
*¹ Equivalent varistor voltage@1mA
*² Central Value
Model
Number
Clamp Voltage
(V) ±10% *¹
Response Time
(ns)
Impulse
Discharge Current
8/20μS (A)
220
360
400
620
2,400
Impulse
Withstand Voltage
1.2/50μS (V)
12,000
50
Capacitance
(pF) max. *²
90
30
40
Operating Temp.
Range (°C)
-20 ~ +70
● Dimensions
Unit: mm
SURGE PROTECTIVE DEVICES
R·A·V-LD SERIES


Similar Part No. - RAV221LD

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RAV221LD OKAYA-RAV221LD Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
More results

Similar Description - RAV221LD

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com