Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R28362BKL Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # R28362BKL
Description  SURGE PROTECTIVE DEVICES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

R28362BKL Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  R28362BKL Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
128
Features
Applications
● Quick response for surge.
● High impulse current capacity.
● It can withstand alternating current.
● Excellent insulation resistance and small
capacitance.
● Recommendation of ITU-T conformity.
● Telephone, PBX, Wireless base station, Optical
transmission equipments, CATV transmission
equipments, Fire alarm systems and Home
security systems.
● Dimensions
Unit: mm
UL
:UL497B
:UL1449
E139599
E332107
Safety Standard
File No.
25min.
25min.
φ 8.0±0.25
A±0.2
Model Number
R28-
-BHL
R28-
-BJL
R28-
-BKL
A
5.7
6.05
7.5
Electrical Specifications (High Voltage Type)
R28-801-BHL
R28-102-BHL
R28-152-BHL
R28-242-BJL
R28-302-BKL
R28-362-BKL
R28-402-BKL
R28-452-BKL
800V±20%
1,000V±20%
1,500V±20%
2,400V±20%
3,000V±20%
3,600V±20%
4,000V±20%
4,500V±20%
Model Number
-
AC1,250V 3s
AC1,500V 60s
AC1,800V 3s
AC2,000V 60s
(Conforms to ITU-T)
DC Sparkover
Voltage
500V/s
(V)
Impulse
Discharge
Current
8/20μs (A)
10,000
Impulse
Life Test
8/20μs
1,000A (times)
300
104
1.5
Insulation
Resistance
min. (MΩ)
Capacitance
max. (pF)
Withstand
Voltage test
Electrical Specifications (Low Voltage Type)
R28-900-BHL
R28-151-BHL
R28-231-BHL
R28-251-BHL
R28-301-BHL
R28-351-BHL
R28-401-BHL
R28-471-BHL
R28-601-BHL
90V±20%
150V±20%
230V±20%
250V±20%
300V±20%
350V±20%
400V±20%
470V±20%
600V±20%
450
500
600
650
750
800
900
1,300
Model Number
DC Sparkover
Voltage
100V/s~2,000V/s
(V)
Safety
Standard
Impulse
Sparkover
Voltage
100V/μs (V)
Impulse
Discharge
Current
8/20ms (A)
10,000
Alternating
Discharge Current
50Hz, 1s
10 times (A)
10
Impulse
Life Test
10/1,000μs
100A (times)
300
104
1.5
Capacitance
max. (pF)
Insulation
Resistance
min. (MΩ)
-
-
-
-
Ο
Ο
Ο
Ο
Ο
Ο
Ο
Ο
Ο
UL
497B
UL
1449
Safety
Standard
UL
1449
R28 SERIES
SURGE PROTECTIVE DEVICES
Length
Type of wire
● Model numbering system
R2 8
5
31
H
BL
Series Name
DC sparkover
Voltage
Type of taping
351 35X10¹=350V
H
J
K
O
5.7mm
6.05mm
7.5mm
10.0mm
B Bulk
L
None
With lead
Without lead
R28
R38
2 electrode arrester
3 electrode arrester
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*2
*1
*1
*1
*1
*1
*2
*¹ Rated voltage AC125V: Approved if it is connected to UL approved varistor (V1.0mA≥270V, D≥φ 14mm).
*² Rated voltage AC250V: Approved if it is connected to UL approved varistor (V1.0mA≥470V, D≥φ 14mm).


Similar Part No. - R28362BKL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R28 RENESAS-R28 Datasheet
4Mb / 473P
RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
logo
Okaya Electric America,...
R28-102-BHL OKAYA-R28-102-BHL Datasheet
706Kb / 2P
SURGE ABSORBER
R28-151-BHL OKAYA-R28-151-BHL Datasheet
706Kb / 2P
SURGE ABSORBER
R28-152-BHL OKAYA-R28-152-BHL Datasheet
706Kb / 2P
SURGE ABSORBER
R28-231-BHL OKAYA-R28-231-BHL Datasheet
706Kb / 2P
SURGE ABSORBER
More results

Similar Description - R28362BKL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com